전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34925 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM34925
상세설명  Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM34925 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM34925 Datasheet HTML 7Page - Texas Instruments LM34925 Datasheet HTML 8Page - Texas Instruments LM34925 Datasheet HTML 9Page - Texas Instruments LM34925 Datasheet HTML 10Page - Texas Instruments LM34925 Datasheet HTML 11Page - Texas Instruments LM34925 Datasheet HTML 12Page - Texas Instruments LM34925 Datasheet HTML 13Page - Texas Instruments LM34925 Datasheet HTML 14Page - Texas Instruments LM34925 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0.07 x VIN
TOFF(ILIM) =
VFB + 0.2V
2s
LM34925
www.ti.com
SNVS846E – JUNE 2012 – REVISED DECEMBER 2013
Figure 14. TON vs VIN and RON
Current Limit
The LM34925 contains an intelligent current limit off-timer. If the current in the buck switch exceeds 270 mA the
present cycle is immediately terminated, and a non-resetable off-timer is initiated. The length of off-time is
controlled by the FB voltage and the input voltage VIN. As an example, when FB = 0 V and VIN = 48 V, a
maximum off-time is set to 16
μs. This condition occurs when the output is shorted, and during the initial part of
start-up. This amount of time ensures safe short circuit operation even up to the maximum input voltage of 100
V.
In cases of overload where the FB voltage is above zero volts (not a short circuit) the current limit off-time is
reduced. Reducing the off-time during less severe overloads reduces the amount of foldback, recovery time, and
start-up time. The off-time is calculated from the following equation:
(5)
The current limit protection feature is peak limited, the maximum average output will be less than the peak.
N-Channel Buck Switch and Driver
The LM34925 integrates an N-Channel Buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.01
uF ceramic capacitor connected between the BST pin and SW pin provides the voltage to the driver during the
on-time. During each off-time, the SW pin is at approximately 0 V, and the bootstrap capacitor charges from VCC
through the internal diode. The minimum off-timer, set to 144 ns, ensures a minimum time each cycle to recharge
the bootstrap capacitor.
Synchronous Rectifier
The LM34925 provides an internal synchronous N-Channel MOSFET rectifier. This MOSFET provides a path for
the inductor current to flow when the high-side MOSFET is turned off.
The synchronous rectifier has no diode emulation mode, and is designed to keep the regulator in continuous
conduction mode even during light loads which would otherwise result in discontinuous operation. This feature
specifically allows the user to design a secondary regulator using a transformer winding off the main inductor to
generate the alternate regulated output voltage.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM34925


유사한 부품 번호 - LM34925

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925MR/NOPB TI1-LM34925MR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925MRX/NOPB TI1-LM34925MRX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SD/NOPB TI1-LM34925SD/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SDX/NOPB TI1-LM34925SDX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
More results

유사한 설명 - LM34925

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com