전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0071 데이터시트(PDF) 5 Page - Altera Corporation

부품명 P0071
상세설명  DE2-115 with LCD Touch Panel and Camera
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTERA [Altera Corporation]
홈페이지  http://www.altera.com
Logo ALTERA - Altera Corporation

P0071 데이터시트(HTML) 5 Page - Altera Corporation

  P0071 Datasheet HTML 1Page - Altera Corporation P0071 Datasheet HTML 2Page - Altera Corporation P0071 Datasheet HTML 3Page - Altera Corporation P0071 Datasheet HTML 4Page - Altera Corporation P0071 Datasheet HTML 5Page - Altera Corporation P0071 Datasheet HTML 6Page - Altera Corporation P0071 Datasheet HTML 7Page - Altera Corporation P0071 Datasheet HTML 8Page - Altera Corporation P0071 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Figure 1-1 The tPad board overview
The key features of the board are listed below:
DE2-115 Development Board
Cyclone IV EP4CE115 FPGA
o 114,480 LEs
o 432 M9K memory blocks
o 3,888 Kbits embedded memory
o 4 PLLs
Configuration
o On-board USB-Blaster circuitry
o JTAG and AS mode configuration supported
o EPCS64 serial configuration device
Memory Devices
o 128MB SDRAM
o 2MB SRAM
o 8MB Flash with 8-bit mode
o 32Kbit EEPROM
Switches and Indicators
o 18 switches and 4 push-buttons
o 18 red and 9 green LEDs
o Eight 7-segment displays
4


유사한 부품 번호 - P0071

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P007-002 TRIPPLITE-P007-002 Datasheet
163Kb / 2P
   Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 2 ft., Black
P007-003 TRIPPLITE-P007-003 Datasheet
163Kb / 2P
   Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 3 ft., Black
P007-006 TRIPPLITE-P007-006 Datasheet
483Kb / 2P
   Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13), 6-ft.
P007-010 TRIPPLITE-P007-010 Datasheet
484Kb / 3P
   Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13) 10-ft.
P007-012 TRIPPLITE-P007-012 Datasheet
163Kb / 2P
   Desktop Computer Power Cord, 5-15P to C13 - Heavy Duty, 15A, 125V, 14 AWG, 12 ft., Black
More results

유사한 설명 - P0071

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
   TFT LCD Touch Panel
logo
List of Unclassifed Man...
GTWV070C3A00PA ETC-GTWV070C3A00PA Datasheet
1Mb / 23P
   TFT LCD Module with Metallized Projective Capacitive Touch Panel (FLETAS touch panel) Hardware Specification
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
PHOENIX CONTACT
2895239 PHOENIX-2895239 Datasheet
44Kb / 1P
   Monitor - LCD TOUCH 5015 D PANEL
11/05/2018
logo
Advantech Co., Ltd.
UBIQ-230T ADVANTECH-UBIQ-230T Datasheet
231Kb / 2P
   One-Touch Scenario Control Panel with 3.5 Color LCD
UBIQ-230 ADVANTECH-UBIQ-230 Datasheet
146Kb / 2P
   One-Touch Scenario Control Panel with 3.5" Color LCD
logo
PHOENIX CONTACT
2873235 PHOENIX-2873235 Datasheet
54Kb / 2P
   Monitor - LCD TOUCH 5012 A PANEL
11/05/2018
logo
AAEON Technology
OMNI-215D AAEON-OMNI-215D Datasheet
2Mb / 18P
   15.6” OMNI Modular Touch/ LCD Panel Kit
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com