전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1S414 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPD1S414
상세설명  USB CHARGER OVP SWITCH WITH ESD FOR V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S414 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPD1S414_14 Datasheet HTML 7Page - Texas Instruments TPD1S414_14 Datasheet HTML 8Page - Texas Instruments TPD1S414_14 Datasheet HTML 9Page - Texas Instruments TPD1S414_14 Datasheet HTML 10Page - Texas Instruments TPD1S414_14 Datasheet HTML 11Page - Texas Instruments TPD1S414_14 Datasheet HTML 12Page - Texas Instruments TPD1S414_14 Datasheet HTML 13Page - Texas Instruments TPD1S414_14 Datasheet HTML 14Page - Texas Instruments TPD1S414_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TPD1S414
www.ti.com
SLLSEH9A –OCTOBER 2013–REVISED OCTOBER 2013
REVISION HISTORY
Changes from Original (October 2013) to Revision A
Page
• Changed text in the DESCRIPTION From: TPD1S414 waits 15 ms before turning ON the nFET To: TPD1S414
waits 20 ms before turning ON the nFET ............................................................................................................................. 1
• Deleted Peak input current on VBUS_CON pin, IBUS from the ABSOLUTE MAXIMUM RATINGS table .................................. 3
• Deleted Continuous forward current through the FET body diode, IDIODE from the ABSOLUTE MAXIMUM RATINGS
table ...................................................................................................................................................................................... 3
• Added Voltage on ACK pin to the ABSOLUTE MAXIMUM RATINGS table ........................................................................ 3
• Added values to the THERMAL INFORMATION table ......................................................................................................... 3
• Added Continuous current on VBUS_CON and VBUS_SYS pins to the RECOMMENDED OPERATING CONDITIONS
table ...................................................................................................................................................................................... 4
• Added Continuous forward current through the FET body diode, IDIODE to the RECOMMENDED OPERATING
CONDITIONS table ............................................................................................................................................................... 4
• Changed the IHOST_LEAK MAX value From: 160 To: 200 µA in the SUPPLY CURRENT CONSUMPTION table ................. 4
• Changed horizontal axis labeling on Figure 6 ...................................................................................................................... 6
• Deleted graphs: Enabling the Load Switch, Connecting VBUS_CON, and OVP Operation from the TIMING DIAGRAMS
section ................................................................................................................................................................................... 8
• Changed Figure 10 ............................................................................................................................................................... 9
• Added text to the APPLICATION INFORMATION section ................................................................................................... 9
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPD1S414


유사한 부품 번호 - TPD1S414_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
More results

유사한 설명 - TPD1S414_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
   USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Shenzhen Huazhimei Semi...
HM2514 HMSEMI-HM2514 Datasheet
521Kb / 6P
   USB Charger Emulator with Adjustable Power Switch
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com