전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF230 데이터시트(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

부품명 IRF230
상세설명  N-Channel Power MOSFETs, 12 A, 150-200 V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
홈페이지  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF230 데이터시트(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  IRF230 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF230 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF230 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


유사한 부품 번호 - IRF230

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRF230 SAMSUNG-IRF230 Datasheet
212Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF230 SEME-LAB-IRF230 Datasheet
22Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFET
logo
Fairchild Semiconductor
IRF230 FAIRCHILD-IRF230 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 12A, 150-200 V
logo
Intersil Corporation
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
   8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
logo
International Rectifier
IRF230 IRF-IRF230 Datasheet
151Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
More results

유사한 설명 - IRF230

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
IRF230 NJSEMI-IRF230 Datasheet
106Kb / 3P
   N-Channel Power MOSFETs, 12 A, 150-200 V
IRF610 NJSEMI-IRF610 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
MTP2N18 NJSEMI-MTP2N18 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
2N6765 NJSEMI-2N6765 Datasheet
92Kb / 2P
   N-Channel Power MOSFETs 30 A,150 V/200 V
logo
Fairchild Semiconductor
IRF230-233 FAIRCHILD-IRF230-233 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 12A, 150-200 V
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
SUM90100E VISHAY-SUM90100E_V01 Datasheet
193Kb / 8P
   N-Channel 200 V (D-S) MOSFETS
01-Jan-2022
logo
Fairchild Semiconductor
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
IRF220-223 FAIRCHILD-IRF220-223 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com