전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3503SQ-25 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM3503SQ-25
상세설명  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503SQ-25 데이터시트(HTML) 2 Page - Texas Instruments

  LM3503SQ-25 Datasheet HTML 1Page - Texas Instruments LM3503SQ-25 Datasheet HTML 2Page - Texas Instruments LM3503SQ-25 Datasheet HTML 3Page - Texas Instruments LM3503SQ-25 Datasheet HTML 4Page - Texas Instruments LM3503SQ-25 Datasheet HTML 5Page - Texas Instruments LM3503SQ-25 Datasheet HTML 6Page - Texas Instruments LM3503SQ-25 Datasheet HTML 7Page - Texas Instruments LM3503SQ-25 Datasheet HTML 8Page - Texas Instruments LM3503SQ-25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
A1
A2
A3
B1
B3
C1
C3
D1
D2
D3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LM3503
SNVS329D – JULY 2005 – REVISED AUGUST 2006
www.ti.com
Connection Diagram
Figure 1. 10-Bump Thin DSBGA Package
Figure 2. 16-Lead Thin WQFN Package
(YPA0010) (Top View)
(RGH0016A) (Top View)
PIN DESCRIPTIONS
Bump #
Pin #
Name
Description
A1
9
Cntrl
White LED Current Control Connection
B1
7
Fb
Feedback Voltage Connection
C1
6
VOUT2
Drain Connections of the NMOS and PMOS Field Effect Transistor (FET) Switches (Figure 3: N2 and
P1). Connect 100nF at VOUT2 node if VOUT2 is not used
D1
4
VOUT1
Over-Voltage Protection (OVP) and Source Connection of the PMOS FET Switch (Figure 3: P1)
D2
2 and 3
Sw
Drain Connection of the Power NMOS Switch (Figure 3: N1)
D3
15 and 16
Pgnd
Power Ground Connection
C3
14
Agnd
Analog Ground Connection
B3
13
VIN
Input Voltage Connection
A3
12
En2
NMOS FET Switch Control Connection
A2
10
En1
PMOS FET Switch Control Connection
1
NC
No Connection
5
NC
No Connection
8
NC
No Connection
11
NC
No Connection
DAP
DAP
Die Attach Pad (DAP), to be soldered to the printed circuit board’s ground plane for enhanced
thermal dissipation.
Cntrl (Bump A1): White LED current control pin. Use this pin to control the feedback voltage with an external
DC voltage.
Fb (Bump B1):Output voltage feedback connection.
VOUT2 (Bump C1):Drain connections of the internal PMOS and NMOS FET switches (Figure 3: P1 and N2). It is
recommended to connect 100nF at VOUT2 if VOUT2 is not used for LM3503-35V & LM3503-44V versions.
VOUT1(Bump D1):
Source connection of the internal PMOS FET switch (Figure 3: P1) and OVP sensing node. The output capacitor
must be connected as close to the device as possible, between the VOUT1 pin and ground plane. Also connect
the Schottky diode as close as possible to the VOUT1 pin to minimize trace resistance and EMI radiation.
Sw (Bump D2):
Drain connection of the internal power NMOS FET switch (Figure 3: N1). Minimize the metal trace length and
maximize the metal trace width connected to this pin to reduce EMI radiation and trace resistance.
Pgnd (Bump D3): Power ground pin. Connect directly to the ground plane.
Agnd (Bump C3):Analog ground pin. Connect the analog ground pin directly to the Pgnd pin.
2
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3503


유사한 부품 번호 - LM3503SQ-25

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3503SQ-25 NSC-LM3503SQ-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQ-25 NSC-LM3503SQ-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503SQ-25/NOPB TI1-LM3503SQ-25/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

유사한 설명 - LM3503SQ-25

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com