전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3402 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM3402
상세설명  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3402_14 Datasheet HTML 2Page - Texas Instruments LM3402_14 Datasheet HTML 3Page - Texas Instruments LM3402_14 Datasheet HTML 4Page - Texas Instruments LM3402_14 Datasheet HTML 5Page - Texas Instruments LM3402_14 Datasheet HTML 6Page - Texas Instruments LM3402_14 Datasheet HTML 7Page - Texas Instruments LM3402_14 Datasheet HTML 8Page - Texas Instruments LM3402_14 Datasheet HTML 9Page - Texas Instruments LM3402_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LM3402, LM3402HV
SNVS450D – SEPTEMBER 2006 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
VREF vs Temperature (VIN = 24V)
VREF vs VIN, LM3402 (TA = 25°C)
Figure 3.
Figure 4.
VREF vs VIN, LM3402HV (TA = 25°C)
Current Limit vs Temperature (VIN = 24V)
Figure 5.
Figure 6.
Current Limit vs VIN, LM3402 (TA = 25°C)
Current Limit vs VIN, LM3402HV (TA = 25°C)
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV


유사한 부품 번호 - LM3402_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3402 NSC-LM3402_1 Datasheet
691Kb / 18P
   LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_15 Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

유사한 설명 - LM3402_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com