전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3370 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3370
상세설명  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3370 데이터시트(HTML) 4 Page - Texas Instruments

  LM3370 Datasheet HTML 1Page - Texas Instruments LM3370 Datasheet HTML 2Page - Texas Instruments LM3370 Datasheet HTML 3Page - Texas Instruments LM3370 Datasheet HTML 4Page - Texas Instruments LM3370 Datasheet HTML 5Page - Texas Instruments LM3370 Datasheet HTML 6Page - Texas Instruments LM3370 Datasheet HTML 7Page - Texas Instruments LM3370 Datasheet HTML 8Page - Texas Instruments LM3370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
B4
B3
PGND1_S
C4
C3
C2
D4
D2
SW1
A1
B1
C1
D1
E4
E3
E2
E1
B2
A2
A3
A4
VIN1
SGND
FB1
PGND1
SDA
SCL
VDD
SGND
NPOR1
NPOR2
PGND2
PGND2_S
EN2
EN1
SW2
VIN2
SGND
FB2
A
B
C
D
E
1
2
3
4
D3
B4
B3
PGND1_S
C4
C3
C2
D4
D2
SW1
A1
B1
C1
D1
E4
E3
E2
E1
B2
A2
A3
A4
VIN1
SGND
FB1
PGND1
SDA
SCL
VDD
SGND
NPOR1
NPOR2
PGND2
PGND2_S
EN2
EN1
SW2
VIN2
SGND
FB2
A
B
C
D
E
1
2
3
4
D3
Top View
XY = Date Code
TT = Die Run Traceability
S = Switcher Family
PSB = LM3370TL-3013
Bottom View
Top View
LM3370
SNVS406M – NOVEMBER 2005 – REVISED AUGUST 2011
www.ti.com
Table 1. Pin Descriptions (LLP) (continued)
Pin #
Name
Description
6
PGND1
Buck 1 Power Ground
7
SW1
Buck 1 Switch Pin
8
VIN1
Power supply voltage input to PFET and NFET switches for Buck 1
9
FB1
Analog Feedback Input for Buck 1
10
SDA
I2C-Compatible Data, a 2 k
Ω pull up resistor is required
11
SCL
I2C-Compatible Clock, a 2 k
Ω pull up resistor is required
Power ON Reset for Buck 1, Open drain output Low when Buck 1 output is 92% of target
12
nPOR1
output. A 100 k
Ω pull up resistor is required
Power ON Reset for Buck 2, Open drain output Low when Buck 2 output is 92% of target
13
nPOR2
output. A 100 k
Ω pull up resistor is required
14
EN1
Buck 1 Enable
15
EN2
Buck 2 Enable
16
FB2
Analog feedback for Buck 2
MICRO SMD CONNECTION DIAGRAM AND PACKAGE MARKING INFORMATION
PIN DESCRIPTIONS (MICRO SMD)
Pin #
Name
Description
A1
SW1
Buck 1 Switch Pin
A2
VIN1
Power supply voltage input to PFET and NFET switches for Buck 1
A3
SGND
Signal GND
A4
FB1
Analog Feedback Input for Buck 1
B1
PGND1
Buck 1 Power Ground
B2
PGND1_S
Buck 1 Power Ground Sense
B3
SDA
I2C-Compatible Data, a 2 k
Ω pullup resistor is required
B4
SCL
I2C-Compatible Clock, a 2 k
Ω pullup resistor is required
C1
VDD
Signal supply voltage input, VDD must be equal or greater of the two inputs ( VIN1 & VIN2)
C2
SGND
Signal GND
Power ON Reset for Buck 1, Open drain output Low when Buck 1 output is 92% of target output.
C3
nPOR1
A 100 k
Ω pullup resistor is required
Power ON Reset for Buck 2, Open drain output Low when Buck 2 output is 92% of target output.
C4
nPOR2
A 100 k
Ω pullup resistor is required
D1
PGND2
Buck 2 Power Ground
4
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3370


유사한 부품 번호 - LM3370

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3370SD-3013 NSC-LM3370SD-3013 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370SD-3013/NOPB TI1-LM3370SD-3013/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
More results

유사한 설명 - LM3370

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
   1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
   1A Dual Synchronous Step-down DC/DC Converter
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com