전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC1XGKZRE00080G 데이터시트(PDF) 7 Page - OPLINK Communications Inc.

부품명 TPC1XGKZRE00080G
상세설명  CWDM 70km SFP Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGKZRE00080G 데이터시트(HTML) 7 Page - OPLINK Communications Inc.

  TPC1XGKZRE00080G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGKZRE00080G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGKZRE00080G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGKZRE00080G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGKZRE00080G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGKZRE00080G Datasheet HTML 6Page - OPLINK Communications Inc. TPC1XGKZRE00080G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
S0260 Rev.02. (web) 2014-01-08
TPC1XGKZRxG
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2014, Oplink Communications, Inc.
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales and
Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Model Name
Operating Temperature
Center
Wavelength
Latch Color
Distance
Oplink Part Number
TPC1XGKZRC00010G
- 5°C to +70°C
Commercial
1471nm
White
70km
TPC1XGKZRC00020G
- 5°C to +70°C
Commercial
1491nm
White
70km
TPC1XGKZRC00030G
- 5°C to +70°C
Commercial
1511nm
White
70km
TPC1XGKZRC00040G
- 5°C to +70°C
Commercial
1531nm
White
70km
TPC1XGKZRC00050G
- 5°C to +70°C
Commercial
1551nm
White
70km
TPC1XGKZRC00060G
- 5°C to +70°C
Commercial
1571nm
White
70km
TPC1XGKZRC00070G
- 5°C to +70°C
Commercial
1591nm
White
70km
TPC1XGKZRC00080G
- 5°C to +70°C
Commercial
1611nm
White
70km
TPC1XGKZRE00010G
- 5°C to +85°C
Extended
1471nm
White
70km
TPC1XGKZRE00020G
- 5°C to +85°C
Extended
1491nm
White
70km
TPC1XGKZRE00030G
- 5°C to +85°C
Extended
1511nm
White
70km
TPC1XGKZRE00040G
- 5°C to +85°C
Extended
1531nm
White
70km
TPC1XGKZRE00050G
- 5°C to +85°C
Extended
1551nm
White
70km
TPC1XGKZRE00060G
- 5°C to +85°C
Extended
1571nm
White
70km
TPC1XGKZRE00070G
- 5°C to +85°C
Extended
1591nm
White
70km
TPC1XGKZRE00080G
- 5°C to +85°C
Extended
1611nm
White
70km
TPC1XGKZRI00010G
- 40°C to +85°C
Industrial
1471nm
White
70km
TPC1XGKZRI00020G
- 40°C to +85°C
Industrial
1491nm
White
70km
TPC1XGKZRI00030G
- 40°C to +85°C
Industrial
1511nm
White
70km
TPC1XGKZRI00040G
- 40°C to +85°C
Industrial
1531nm
White
70km
TPC1XGKZRI00050G
- 40°C to +85°C
Industrial
1551nm
White
70km
TPC1XGKZRI00060G
- 40°C to +85°C
Industrial
1571nm
White
70km
TPC1XGKZRI00070G
- 40°C to +85°C
Industrial
1591nm
White
70km
TPC1XGKZRI00080G
- 40°C to +85°C
Industrial
1611nm
White
70km


유사한 부품 번호 - TPC1XGKZRE00080G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPC1XGKZRC00010G OPLINK-TPC1XGKZRC00010G Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRC00020G OPLINK-TPC1XGKZRC00020G Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRC00030G OPLINK-TPC1XGKZRC00030G Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRC00040G OPLINK-TPC1XGKZRC00040G Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRC00050G OPLINK-TPC1XGKZRC00050G Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
More results

유사한 설명 - TPC1XGKZRE00080G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
S0260-TPC1XGKZRXG OPLINK-S0260-TPC1XGKZRXG Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-G OPLINK-TRPEG1-G Datasheet
310Kb / 6P
   CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com