전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2793 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM2793
상세설명  Low Noise White LED Constant Current Supply with Dual Function Brightness Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2793 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM2793 Datasheet HTML 4Page - Texas Instruments LM2793 Datasheet HTML 5Page - Texas Instruments LM2793 Datasheet HTML 6Page - Texas Instruments LM2793 Datasheet HTML 7Page - Texas Instruments LM2793 Datasheet HTML 8Page - Texas Instruments LM2793 Datasheet HTML 9Page - Texas Instruments LM2793 Datasheet HTML 10Page - Texas Instruments LM2793 Datasheet HTML 11Page - Texas Instruments LM2793 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM2793
www.ti.com
SNVS228 – MAY 2004
Figure 3. Efficiency vs. VIN
2 LEDs, VLED = 3.6V, ILED = 16mA
Efficiency (E) of the LM2793 is defined here as the ratio of the power consumed by LEDs (PLED) to the power
drawn from the input source (PIN). In the equations below, IQ is the quiescent current of the LM2793, ILED is the
current flowing through one LED, and VLED is the forward voltage at that LED current. In the input power
calculation, the 1.5 multiplier reflects the 3/2 switched capacitor gain of the LM2793.
PLED = N × VLED × ILED
(1)
PIN = VIN × IIN
(2)
PIN = VIN × (1.5 × N × ILED + IQ)
(3)
E = (PLED ÷ PIN)
(4)
It is also worth noting that efficiency as defined here is in part dependent on LED voltage. Variation in LED
voltage does not affect power consumed by the circuit and typically does not relate to the brightness of the LED.
For an advanced analysis, it is recommended that power consumed by the circuit (VIN x IIN) be evaluated rather
than power efficiency. Power consumption of the LM2793 Typical Application Circuit is shown in Figure 4.
Figure 4. ILED current vs. PIN
2 LEDs, 2.5
≤ VLED ≤ 3.9V, ILED = 16mA
THERMAL PROTECTION
When the junction temperature exceeds 150°C, the LM2793 internal thermal protection circuitry disables the part.
This feature protects the device from damage due to excessive power dissipation. The device will recover and
operate normally when the junction temperature falls below 125°C. It is important to have good thermal
conduction with a proper layout to reduce thermal resistance.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2793


유사한 부품 번호 - LM2793

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2793 NSC-LM2793 Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
LM2793LD NSC-LM2793LD Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
LM2793LDX NSC-LM2793LDX Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
More results

유사한 설명 - LM2793

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2793 NSC-LM2793 Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com