전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2633 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM2633
상세설명  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 데이터시트(HTML) 4 Page - Texas Instruments

  LM2633 Datasheet HTML 1Page - Texas Instruments LM2633 Datasheet HTML 2Page - Texas Instruments LM2633 Datasheet HTML 3Page - Texas Instruments LM2633 Datasheet HTML 4Page - Texas Instruments LM2633 Datasheet HTML 5Page - Texas Instruments LM2633 Datasheet HTML 6Page - Texas Instruments LM2633 Datasheet HTML 7Page - Texas Instruments LM2633 Datasheet HTML 8Page - Texas Instruments LM2633 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
SHOOT-
THROUGH
PROTECTION
hdrv1
ldrv1
vdd1
sw1
pgnd1
cboot1
ilim1
ks1
vin
vlin5
5V
LDO
PWM LOGIC
SKIP CONTROL
& REST
CURRENT
LIMIT
CMP 1
R-2R DAC
MIN ON
TIME CMP 1
.85
0.9V
5V
ss
op
PWM
CMP 1
10PA
CYCLE
SKIP CMP 1
0.5V
CURRENT
SENSE AMP 1
COMPEN.
RAMP 1
X5
UV
DETECTION
uvlo
1.1V
X2.5
on/ss1
ssto1
2PA
0-CROSS/
NEG. ILIM
CMP 1
ERR
AMP 2
gm
0.9V
gnd
thsd: thermal shutdown
ss: soft start
ssto: ss time out
op: normal operation
uvlo: under volt. lockout
1.5V
thsd
fault
1V
ch1 on
5PA
1.1V
fault
R
S
Q
S>R
similar signal
from Ch.2
pwm or
new vid
0
.5V
.75V
QN
ch1 on
endfault
vout1
slope = VIN x f
isns1
vout1
BATTERY
5V
5V
comp1
Channel 1 and Channel 3
Voltage Clamp
Hi: 0.8V in ss,
2V in op.
Lo: 0.45V.
LREG 1
in: 0.88V
5V
new vid
45mV
inn1
1.1V
out: 0.82V
ERR
AMP3
1.24V
g3
out3
fb3
EXT.
3.3V
vout3
linear regulator controller
VID CHANGE
DETECTION
CIRCUIT
Note:
1. Bold blocks and symbols are common to both
Channel 1 and Channel 2;
2. Wires and components in light weight
are external to the IC.
LM2633
SNVS139C – MAY 2004 – REVISED APRIL 2005
www.ti.com
Block Diagram
Figure 2. Channel 1 and Channel 3 Block Diagram
4
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2633


유사한 부품 번호 - LM2633

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633MTD NSC-LM2633MTD Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

유사한 설명 - LM2633

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com