전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3687 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3687
상세설명  Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3687 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM3687 Datasheet HTML 3Page - Texas Instruments LM3687 Datasheet HTML 4Page - Texas Instruments LM3687 Datasheet HTML 5Page - Texas Instruments LM3687 Datasheet HTML 6Page - Texas Instruments LM3687 Datasheet HTML 7Page - Texas Instruments LM3687 Datasheet HTML 8Page - Texas Instruments LM3687 Datasheet HTML 9Page - Texas Instruments LM3687 Datasheet HTML 10Page - Texas Instruments LM3687 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LM3687
www.ti.com
SNVS473A – DECEMBER 2007 – REVISED JULY 2008
Electrical Characteristics
(1) (2) DC-DC Converter (3)
Typical values and limits appearing in standard typeface are for TA = 25°C. Limits appearing in boldface type apply over the
full operating temperature range: -30°C
≤ TJ ≤ +125°C. Unless otherwise noted, VIN_LIN = VOUT_LIN(NOM) + 0.3V, VBATT = 3.6V,
IOUT_LIN = 1mA, VEN_DCDC = VEN_LIN = VBATT, CVBATT = 4.7µF, CVOUT_DCDC = 10µF, CVOUT_LIN = 2.2µF, CVIN_LIN = 1.0µF, L = 2.2µH.
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
VFB_DCDC
Feedback Voltage
PWM Mode
-2.5
+2.5
%
Accuracy
Line Regulation
VOUT_DCDC + 1.0V ≤ VBATT ≤ 5.5V, IOUT_DCDC =
0.06
%/V
150mA
Load Regulation
100mA
≤ IOUT_DCDC ≤ 750mA
0.0005
%/mA
RDSON(P)
Pin-Pin Resistance for
280
500
m
PFET
RDSON(N)
Pin-Pin Resistance for
200
400
m
NFET
ILIM_DCDC
Switch Peak Current
Open loop (4)
1172
994
1380
mA
Limit
FOSC
Internal Oscillator
PWM Mode
1.8
1.3
2.3
MHz
Frequency
(1)
All voltages are with respect to the potential at the SGND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm. Unless otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
(3)
The parameters in the electrical characteristic table are tested at VBATT = 3.6V unless otherwise specified. For performance over the
input voltage range refer to datasheet curves.
(4)
Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic
table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops
by 10%.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3687


유사한 부품 번호 - LM3687

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3687TL-1812 NSC-LM3687TL-1812 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687TL-1812/NOPB TI1-LM3687TL-1812/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3687TL-1813 NSC-LM3687TL-1813 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
More results

유사한 설명 - LM3687

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com