전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3686 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3686
상세설명  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3686 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3686 Datasheet HTML 6Page - Texas Instruments LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments LM3686 Datasheet HTML 10Page - Texas Instruments LM3686 Datasheet HTML 11Page - Texas Instruments LM3686 Datasheet HTML 12Page - Texas Instruments LM3686 Datasheet HTML 13Page - Texas Instruments LM3686 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM3686
SNVS520D – AUGUST 2008 – REVISED MARCH 2011
www.ti.com
Electrical Characteristics
(1) (2) (3) (4) Global Parameters (DCDC, LILO, & LDO)
Typical Limit
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Full power mode
IOUT_DCDC = IOUT_LILO = IOUT_LDO = 0 mA, DC-DC
Quiescent current into
IQ_VBATT
is not switching (FB_DCDC forced higher than
100
130
µA
VBATT
VOUT_DCDC)
Ven = 1.1V,
Shutdown current into
VEN_DCDC = VEN_LILO = VEN_LDO = 0V
IQ_GLOBAL
2.5
4
µA
VBATT
Enable Pins (EN_DCDC, EN_LILO, EN_LDO)
IEN
Enable pin input
All EN = 0V
.01
1
µA
current
VIH
Logic high input
1.1
V
VIL
Logic low input
0.40
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical (typ.) numbers are not guaranteed, but do represent
the most likely norm. Unless otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
(3)
The parameters in the electrical characteristic table are tested at VBATT = 3.6V unless otherwise specified. For performance over the
input voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages is given below:VBATT = 2.7V
to 5.5V for 1.0V
≤ VOUT_DCDC < 1.8VVBATT = (VOUT_DCDC + 1V) to 5.5V for 1.8V ≤ VOUT_DCDC < 3.6V
10
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3686


유사한 부품 번호 - LM3686

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI-LM3686 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686TL-AADW NSC-LM3686TL-AADW Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686TLE-AADW/NOPB TI-LM3686TLE-AADW/NOPB Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686TLE-AAED NSC-LM3686TLE-AAED Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

유사한 설명 - LM3686

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com