전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA-5592 데이터시트(PDF) 2 Page - Protech Systems Co., Ltd.

부품명 SA-5592
상세설명  Slim, Compact and High Performance Book Size PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
홈페이지  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

SA-5592 데이터시트(HTML) 2 Page - Protech Systems Co., Ltd.

  SA-5592 Datasheet HTML 1Page - Protech Systems Co., Ltd. SA-5592 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SA-5592 Slim,CompactandHighPerformanceBookSizePC
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice
Front View
Side View
Rear View
Drive Bays
2 x 2.5" SATA HDD & 1 x slim CD / DVD-ROM
USB
2 x USB 2.0
Audio
Line-in / Line-out / MIC
USB
5 x USB 2.0
Serial Port
4 x COM port, COM 2 for RS232/422/485
(COM 1 & COM 2 support +5V or +12V)
Keyboard / Mouse
1 x PS/2 port with Y-cable
LAN
1 x RJ-45, 10/100/1000 Mbps
VGA
1 x VGA
DVI
1 x DVI-I
Expansion Slots
1 x PCI or 1 x PCI-E (optional)
CPU Support
Intel® mobile i3 / i5 processors (socket 988)
Chipset
Intel® HM65 / QM67
Memory Support
2 x 204-Pin DDR3 SO-DIMM Socket (up to 4GB)
Watchdog
1~255 secs Watchdog timer selectable
w / Reset / NMI
Power Supply
ATX 110W
Operating System
Win 7 / XP / XPE
System Weight
3.3 kg (7.28lb)
Dimension (W x H x D) 260 x 62 x 240 mm (10.24" x 2.44" x 9.45")
FCC / CE
Certificate
Operation Temp.
0° ~ 40° C ( 32° ~ 104° F )
Storage Temp.
- 20° ~ 60° C ( - 4° ~ 140° F )
Humidity
20% ~ 90%
I/O Ports (Front side)
I/O Ports (Rear side)
SA-5592RA-A0B
Book size PC (Black color) with i3 / i5 + HM65,
CD-ROM front bezel
SA-5592RA-B0B
Book size PC (Black color) with i3 / i5 + QM67,
CD-ROM front bezel
SR-5590RC-R1N
1 x PCI-E (16x)
SR-5590RA-R2N
1 x PCI


유사한 부품 번호 - SA-5592

제조업체부품명데이터시트상세설명
logo
Copal Electronics
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SA-5010A1E COPAL-SA-5010A1E Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SA-5010A1EW COPAL-SA-5010A1EW Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SA-5010A3E COPAL-SA-5010A3E Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SA-5010A3EW COPAL-SA-5010A3EW Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
More results

유사한 설명 - SA-5592

제조업체부품명데이터시트상세설명
logo
Protech Systems Co., Lt...
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8090 PROTECHSYSTEMS-BPC-8090 Datasheet
474Kb / 2P
   High Performance Core2 Duo Book Size PC
BPC-8960 PROTECHSYSTEMS-BPC-8960 Datasheet
327Kb / 2P
   Slim Dual Core Atom D525 Book Size PC
logo
International Rectifier
AHN12324 IRF-AHN12324 Datasheet
136Kb / 6P
   Slim and compact size
logo
Protech Systems Co., Lt...
BPC-8080 PROTECHSYSTEMS-BPC-8080 Datasheet
772Kb / 2P
   Leading and Optimized Performance Book Size POC
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
SA-5852 PROTECHSYSTEMS-SA-5852 Datasheet
515Kb / 2P
   Intel짰 Atom??D2550 Book Size PC
BPC-8070 PROTECHSYSTEMS-BPC-8070 Datasheet
299Kb / 2P
   Socket 478 Pentium4 Book-size PC
SA-5897 PROTECHSYSTEMS-SA-5897 Datasheet
532Kb / 2P
   High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com