전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB81BA3IPFPEP 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TSB81BA3IPFPEP
상세설명  IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3IPFPEP 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TSB81BA3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 9Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 10Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 11Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 12Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 13Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 14Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP†
MAX
UNIT
Supply voltage, 3.3 VDD
Source power node
3.0
3.3
3.6
V
Supply voltage, 3.3 VDD
Nonsource power node
3.0‡
3.3
3.6
V
Supply voltage, Core VDD
1.85
1.95
2.05
V
LREQ, CTL0, CTL1, D0−D7, LCLK
2.6
High-level input voltage, VIH
LKON/DS2, PC0, PC1, PC2, PD, BMODE
0.7
×VDD
V
High-level input voltage, VIH
RESETz
0.6
×VDD
V
LREQ, CTL0, CTL1, D0−D7, LCLK
1.2
V
Low-level input voltage, VIL
LKON/DS2, PC0, PC1, PC2, PD, BMODE
0.2
×VDD
Low-level input voltage, VIL
RESETz
0.3
×VDD
Output current, IOL/OH
CTL0, CTL1, D0−D7, CNA, LKON/DS2, PINT, and
PCLK
−4
4
mA
Output current, IO
TPBIAS outputs
−5.6
1.3
mA
Maximum junction temperature, TJ
RθJA = 19°C/W,
TA = 85°C
99.1
Maximum junction temperature, TJ
(see RθJA values listed in thermal
characteristics table)
RθJA = 31.5 _C/W, TA = 85°C
108.4
°C
(see RθJA values listed in thermal
characteristics table)
RθJA = 49.2 _C/W, TA = 85°C
121.5
C
1394b Differential input voltage, VID
Cable inputs, during data reception
200
800
mV
1394a Differential input voltage, VID
Cable inputs, during data reception
118
260
mV
1394a Differential input voltage, VID
Cable inputs, during arbitration
168
265
mV
1394a Common-mode input voltage, VIC
TPB cable inputs, source power node
0.4706
2.515
V
1394a Common-mode input voltage, VIC
TPB cable inputs, nonsource power node
0.4706
2.015‡
V
Power-up reset time, tpu
RESETz input
ms
TPA, TPB cable inputs, S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs, S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs, S400 operation
±0.315
ns
Between TPA and TPB cable inputs, S100 operation
±0.8
Receive input skew
Between TPA and TPB cable inputs, S200 operation
±0.55
ns
Receive input skew
Between TPA and TPB cable inputs, S400 operation
±0.5
ns
† All typical values are at VDD = 3.3 V and TA = 25°C.
‡ For a node that does not source power; see Section 4.2.2.2 in IEEE 1394a−2000.
§ Time after valid clock received at PHY XI input terminal.


유사한 부품 번호 - TSB81BA3IPFPEP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
637Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com