전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB42AB4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TSB42AB4
상세설명  IEEE 1394-a Consumer Electronics Link Layer Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSB42AB4 데이터시트(HTML) 1 Page - Texas Instruments

  TSB42AB4 Datasheet HTML 1Page - Texas Instruments TSB42AB4 Datasheet HTML 2Page - Texas Instruments TSB42AB4 Datasheet HTML 3Page - Texas Instruments TSB42AB4 Datasheet HTML 4Page - Texas Instruments TSB42AB4 Datasheet HTML 5Page - Texas Instruments TSB42AB4 Datasheet HTML 6Page - Texas Instruments TSB42AB4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.ti.com
FEATURES
DESCRIPTION
TSB42AA4
TSB42AA4I
TSB42AB4, TSB42AB4I
SLLA217 – JUNE 2006
(ceLynx) IEEE 1394-a Consumer Electronics Link Layer Controller
8K-byte FIFO supports the following data
types:
DTCP content protection (TSB42AA4 only). A
separate document explains the DTCP
– DVB MPEG2 transport streams (IEC
hardware errata for TSB42AA4. It is available
61883-4)
upon request to DTLA licensees only.
– DirecTV™ transport streams
Interfaces directly to industry standard 400-,
– DV program streams (IEC 61883-2)
200-, and 100-Mbps physical layer devices,
– Asynchronous streams
including Texas Instruments TSB41LV0X and
– Support for external processor DMA
TSB41AXX family of physical layer devices
Programmable data-/space-available
Compliant with IEEE 1394-1995 and IEEE
indications for flow control; almost full and
1394a–2000 standards
almost empty indicators
MPEG2 time stamp-based release, as
Supports bus manager functions and
described in IEC 61883-4
automatic 1394 self-ID verification
High-speed data interface (HSDI):
Interrupt driven to minimize host polling
– Byte-wide or serial mode
Single 3.3-V supply
– Two independent HSDI ports
Separate async acknowledge buffer
– Bidirectional
decreases the ack-tracking burden on host
– Several control modes for a variety of
JTAG interface to support post-assembly
applications
scan of device I/O
– Connects seamlessly to common MPEG2
Bus holder isolation
decoder chipsets
Embedded support for DTCP content
16-bit microprocessor interface supports
protection:
Motorola 68000/68020-style bus
– Two M6 baseline ciphers (one per HSDI
Large 8K-byte FIFO can be configured up to
port)
eight independent Tx or Rx FIFOs
– Random number generator in hardware
– SHA-1 secure hash algorithm in hardware
– Authentication key cipher in hardware
Optional auto-configuration for MPEG2/DV
transmit and receive functions
PID filtering and packet insertion for MPEG2
transport stream
Consumer Electronics Link (ceLynx) is a high-performance 1394 link layer device designed specifically to
support advanced consumer electronics applications, particularly those applications which require the
transmission of Moving Picture Expert Group 2 (MPEG2) transport streams and encryption/decryption of those
streams across a 1394 network. The device supports both digital video broadcasting (DVB) and DirecTV™ type
MPEG2 streams using the digital transmission content protection method (DTCP) method of encryption, as well
as digital video (DV) encoded streams. The ceLynx supports both the IEC 61883 standard for DVB and DV
streams over 1394 and the 1394 Trade Association standard for DirecTV over 1394.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DirecTV is a trademark of Hughes Communications, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TSB42AB4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB42AB4 TI-TSB42AB4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AB4I TI-TSB42AB4I Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AB4IPDT TI-TSB42AB4IPDT Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AB4PDT TI-TSB42AB4PDT Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AB4PGE TI-TSB42AB4PGE Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
More results

유사한 설명 - TSB42AB4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com