전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB12LV21BPGFG4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TSB12LV21BPGFG4
상세설명  (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV21BPGFG4 데이터시트(HTML) 5 Page - Texas Instruments

  TSB12LV21BPGFG4 Datasheet HTML 1Page - Texas Instruments TSB12LV21BPGFG4 Datasheet HTML 2Page - Texas Instruments TSB12LV21BPGFG4 Datasheet HTML 3Page - Texas Instruments TSB12LV21BPGFG4 Datasheet HTML 4Page - Texas Instruments TSB12LV21BPGFG4 Datasheet HTML 5Page - Texas Instruments TSB12LV21BPGFG4 Datasheet HTML 6Page - Texas Instruments TSB12LV21BPGFG4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MECHANICAL DATA
OCTOBER 1994
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PGF (S-PQFP-G176)
PLASTIC QUAD FLATPACK
0,13 NOM
89
0,17
0,27
88
45
0,45
0,25
0,75
44
Seating Plane
0,05 MIN
4040134 / B 03/95
Gage Plane
132
133
176
SQ
24,20
SQ
25,80
26,20
23,80
21,50 SQ
1
1,45
1,35
1,60 MAX
M
0,08
0,50
0,08
0
°−7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-136


유사한 부품 번호 - TSB12LV21BPGFG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB12LV21BPGF TI-TSB12LV21BPGF Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
More results

유사한 설명 - TSB12LV21BPGFG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com