전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X100FG 데이터시트(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

부품명 X100FG
상세설명  HIGH VOLTAGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
홈페이지  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

X100FG 데이터시트(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  X100FG Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. X100FG Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


유사한 부품 번호 - X100FG

제조업체부품명데이터시트상세설명
logo
Voltage Multipliers Inc...
X100FG VMI-X100FG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
logo
New Jersey Semi-Conduct...
X100FG NJSEMI-X100FG Datasheet
98Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Voltage Multipliers Inc...
X100FG VMI-X100FG Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
More results

유사한 설명 - X100FG

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
R1200F BILIN-R1200F Datasheet
73Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
98Kb / 2P
   High voltage rectifiers
logo
Diode Semiconductor Kor...
R1200 DSK-R1200 Datasheet
55Kb / 2P
   HIGH VOLTAGE RECTIFIERS
3R12 DSK-3R12 Datasheet
64Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
R2500 BILIN-R2500 Datasheet
275Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Shenzhen Luguang Electr...
3R12 LUGUANG-3R12 Datasheet
156Kb / 2P
   High Voltage Rectifiers
logo
IXYS Corporation
UGE3126AY4 IXYS-UGE3126AY4 Datasheet
57Kb / 2P
   High Voltage Rectifiers
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5_06 Datasheet
102Kb / 2P
   High voltage rectifiers
SI-E8000-3600-1.8 SEMIKRON-SI-E8000-3600-1.8_06 Datasheet
102Kb / 2P
   High voltage rectifiers
logo
Galaxy Semi-Conductor H...
PR1600 BILIN-PR1600 Datasheet
264Kb / 2P
   HIGH VOLTAGE RECTIFIERS
R1200 BILIN-R1200_15 Datasheet
256Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com