전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6370QTR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L6370QTR
상세설명  2.5 A single high-side smart power switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370QTR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L6370QTR Datasheet HTML 5Page - STMicroelectronics L6370QTR Datasheet HTML 6Page - STMicroelectronics L6370QTR Datasheet HTML 7Page - STMicroelectronics L6370QTR Datasheet HTML 8Page - STMicroelectronics L6370QTR Datasheet HTML 9Page - STMicroelectronics L6370QTR Datasheet HTML 10Page - STMicroelectronics L6370QTR Datasheet HTML 11Page - STMicroelectronics L6370QTR Datasheet HTML 12Page - STMicroelectronics L6370QTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID022313 Rev 2
9/17
L6370Q
Electrical specifications
17
tOFF
Off-time during short-circuit
condition
64
tON
fmax
Maximum operating frequency
25
kHz
Table 6. AC operation (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


유사한 부품 번호 - L6370QTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
   2.5 A single high-side smart power switch
More results

유사한 설명 - L6370QTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
   2.5 A single high-side smart power switch
logo
Infineon Technologies A...
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6010-1EKB INFINEON-BTT6010-1EKB_15 Datasheet
1Mb / 48P
   Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01
logo
Texas Instruments
TPS1HC100B-Q1 TI-TPS1HC100B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS1HC100-Q1, 100-m廓, 2.5-A Single-Channel Smart High-Side Switch
JULY 2021
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com