전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148W 데이터시트(PDF) 2 Page - General Semiconductor

부품명 1N4148W
상세설명  Small Signal Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

1N4148W 데이터시트(HTML) 2 Page - General Semiconductor

  1N4148W Datasheet HTML 1Page - General Semiconductor 1N4148W Datasheet HTML 2Page - General Semiconductor 1N4148W Datasheet HTML 3Page - General Semiconductor 1N4148W Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
1N4148
Rectification Efficiency Measurement Circuit
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
––1V
Leakage Current
at VR = 20 V
at VR = 75 V
at VR = 20 V, Tj = 150 °C
IR
IR
IR
25
5
50
nA
µA
µA
Capacitance
at VF = VR = 0 V
Ctot
––4pF
Voltage Rise when Switching ON
tested with 50 mA Pulses
tp = 0.1 µs, Rise Time < 30 ns, fp = 5 to 100 kHz
Vfr
––2.5
V
Reverse Recovery Time
from IF = 10 mA to IR = 1 mA,
VR = 6 V, RL = 100 Ω
trr
––4ns
Thermal Resistance Junction to Ambient Air
RthJA
3501)
K/W
Rectification Efficiency
at f = 100 MHz, VRF = 2 V
ηv
0.45
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature (DO-35)


유사한 부품 번호 - 1N4148W

제조업체부품명데이터시트상세설명
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W Datasheet
132Kb / 2P
   SMD Small Signal Switching Diodes
logo
Taiwan Semiconductor Co...
1N4148W TSC-1N4148W Datasheet
105Kb / 2P
   Surface Mount Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
   For surface mounted applications
More results

유사한 설명 - 1N4148W

제조업체부품명데이터시트상세설명
logo
General Semiconductor
1N4150 GE-1N4150 Datasheet
28Kb / 1P
   Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
   SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
   Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
   SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
   Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
   Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
   Small Signal Diodes
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
   SMALL SIGNAL DIODES
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
   SMALL SIGNAL DIODES
logo
Fairchild Semiconductor
MMBD1401 FAIRCHILD-MMBD1401_02 Datasheet
57Kb / 2P
   Small Signal Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com