전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM160QML 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM160QML
상세설명  LM160QML High Speed Differential Comparator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM160QML 데이터시트(HTML) 1 Page - Texas Instruments

  LM160QML Datasheet HTML 1Page - Texas Instruments LM160QML Datasheet HTML 2Page - Texas Instruments LM160QML Datasheet HTML 3Page - Texas Instruments LM160QML Datasheet HTML 4Page - Texas Instruments LM160QML Datasheet HTML 5Page - Texas Instruments LM160QML Datasheet HTML 6Page - Texas Instruments LM160QML Datasheet HTML 7Page - Texas Instruments LM160QML Datasheet HTML 8Page - Texas Instruments LM160QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM160QML
www.ti.com
SNOSAR0A – NOVEMBER 2010 – REVISED MARCH 2013
LM160QML High Speed Differential Comparator
Check for Samples: LM160QML
1
FEATURES
DESCRIPTION
The LM160 is a very high speed differential input,
2
Ensured High Speed: 20nS max
complementary TTL output voltage comparator with
Tight Delay Matching on Both Outputs
improved characteristics over the
μA760/μA760C, for
Complementary TTL Outputs
which it is a pin-for-pin replacement. The device has
been optimized for greater speed, input impedance
High Input Impedance
and fan-out, and lower input offset voltage. Typically
Low Speed Variation with Overdrive Variation
delay varies only 3nS for overdrive variations of 5mV
Fan-Out of 4
to 400mV.
Low Input Offset Voltage
Complementary outputs having minimum skew are
Series 74 TTL Compatible
provided. Applications involve high speed analog to
digital convertors and zero-crossing detectors in disk
file systems.
Connection Diagrams
Figure 1. Metal Can Package
See Package Number LMC0008C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM160QML

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
More results

유사한 설명 - LM160QML

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
[Old version datasheet]   LM160/LM360 High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com