전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM119JRLQMLV 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM119JRLQMLV
상세설명  LM119QML High Speed Dual Comparator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM119JRLQMLV 데이터시트(HTML) 1 Page - Texas Instruments

  LM119JRLQMLV Datasheet HTML 1Page - Texas Instruments LM119JRLQMLV Datasheet HTML 2Page - Texas Instruments LM119JRLQMLV Datasheet HTML 3Page - Texas Instruments LM119JRLQMLV Datasheet HTML 4Page - Texas Instruments LM119JRLQMLV Datasheet HTML 5Page - Texas Instruments LM119JRLQMLV Datasheet HTML 6Page - Texas Instruments LM119JRLQMLV Datasheet HTML 7Page - Texas Instruments LM119JRLQMLV Datasheet HTML 8Page - Texas Instruments LM119JRLQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
V-
OUTPUT 2
N/C
GND 2
IN+ 2
N/C
N/C
N/C
N/C
N/C
OUTPUT 1
9
10
11
12
13
3
2
1
20
19
18
N/C
17
V+
16
N/C
15
IN- 2
14
IN- 1
N/C
IN+ 1
N/C
GND 1
4
5
6
7
8
LM119QML
www.ti.com
SNOSAN3B – JULY 2008 – REVISED MARCH 2013
LM119QML High Speed Dual Comparator
Check for Samples: LM119QML
1
FEATURES
DESCRIPTION
The
LM119
is
a
precision
high
speed
dual
2
Available with radiation ensured
comparator fabricated on a single monolithic chip. It
High Dose Rate 100 krad(Si)
is designed to operate over a wide range of supply
ELDRS Free 100 krad(Si)
voltages down to a single 5V logic supply and
ground. Further, it has higher gain and lower input
Two independent comparators
currents
than
devices
like
the
LM710.
The
Operates from a single 5V supply
uncommitted collector of the output stage makes the
Typically 80 ns response time at ±15V
LM119 compatible with RTL, DTL and TTL as well as
capable of driving lamps and relays at currents up to
Minimum fan-out of 2 each side
25 mA.
Maximum input current of 1
μA over
temperature
Although designed primarily for applications requiring
operation from digital logic supplies, the LM119 is
Inputs and outputs can be isolated from
fully specified for power supplies up to ±15V. It
system ground
features faster response than the LM111 at the
High common mode slew rate
expense of higher power dissipation. However, the
high speed, wide operating voltage range and low
package count make the LM119 much more versatile
than older devices like the LM711.
Connection Diagrams
CDIP Package
LCCC Package
Figure 1. Top View
Figure 2. Top View
Package Number J0014A
Package Number NAJ0020A
TO-100 Package
Case is connected to pin 5 (V).
Figure 3. Top View
Figure 4. Top View
Package Number LME0010C
Package Number NAD0010A, NAC0010A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM119JRLQMLV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM119JRLQMLV TI1-LM119JRLQMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119JRLQMLV TI-LM119JRLQMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119JRLQMLV TI-LM119JRLQMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119JRLQMLV TI1-LM119JRLQMLV Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
More results

유사한 설명 - LM119JRLQMLV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
5962-9679801VCA TI-5962-9679801VCA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com