전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM311MXNOPB 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM311MXNOPB
상세설명  LM111-N/LM211-N/LM311-N Voltage Comparator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM311MXNOPB 데이터시트(HTML) 2 Page - Texas Instruments

  LM311MXNOPB Datasheet HTML 1Page - Texas Instruments LM311MXNOPB Datasheet HTML 2Page - Texas Instruments LM311MXNOPB Datasheet HTML 3Page - Texas Instruments LM311MXNOPB Datasheet HTML 4Page - Texas Instruments LM311MXNOPB Datasheet HTML 5Page - Texas Instruments LM311MXNOPB Datasheet HTML 6Page - Texas Instruments LM311MXNOPB Datasheet HTML 7Page - Texas Instruments LM311MXNOPB Datasheet HTML 8Page - Texas Instruments LM311MXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
LM111-N, LM211-N, LM311-N
SNOSBJ1E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Increases typical common mode slew from 7.0V/
μs to 18V/μs.
Figure 3. Increasing Input Stage Current
Figure 4. Detector for Magnetic Transducer
*Absorbs inductive kickback of relay and protects IC from severe
voltage transients on V++ line.
Do Not Ground Strobe Pin.
Figure 5. Digital Transmission Isolator
Figure 6. Relay Driver with Strobe
*Solid tantalum
Do Not Ground Strobe Pin.
Typical input current is 50 pA with inputs strobed off.
Pin connections shown in Schematic Diagram and Typical
Applications are for the LMC TO-99 package.
Figure 7. Strobing off Both Input and Output
Figure 8. Positive Peak Detector
Stages
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM111-N LM211-N LM311-N


유사한 부품 번호 - LM311MXNOPB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM311MX NSC-LM311MX Datasheet
1Mb / 23P
   Voltage Comparator
logo
Texas Instruments
LM311MX TI-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311MX TI-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311MX TI-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311MX TI1-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Comparator
More results

유사한 설명 - LM311MXNOPB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM111H TI-LM111H Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311N TI-LM311N Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM311MX TI-LM311MX Datasheet
1Mb / 30P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111J-8 TI-LM111J-8 Datasheet
905Kb / 22P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
LM111-N TI1-LM111-N Datasheet
1Mb / 25P
[Old version datasheet]   LM111/LM211/LM311 Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
logo
List of Unclassifed Man...
2N5239 ETC2-2N5239 Datasheet
207Kb / 4P
   HIGH-VOLTAGE, SILLCON N-P-N TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5189 NJSEMI-2N5189 Datasheet
145Kb / 1P
   SILICON N-P-N HIGH-VOLTAGE TRANSISTOR
2N5239 NJSEMI-2N5239 Datasheet
142Kb / 1P
   HIGH-VOLTAGE, SILICON N-P-N TRANSISTORS
2N4063 NJSEMI-2N4063 Datasheet
102Kb / 2P
   High-Voltage Silicon N-P-N Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com