전자부품 데이터시트 검색엔진 |
|
LM311N 데이터시트(PDF) 2 Page - Texas Instruments |
|
LM311N 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 31 page LM111-N, LM211-N, LM311-N SNOSBJ1E – MAY 1999 – REVISED MARCH 2013 www.ti.com Increases typical common mode slew from 7.0V/ μs to 18V/μs. Figure 3. Increasing Input Stage Current Figure 4. Detector for Magnetic Transducer *Absorbs inductive kickback of relay and protects IC from severe voltage transients on V++ line. Do Not Ground Strobe Pin. Figure 5. Digital Transmission Isolator Figure 6. Relay Driver with Strobe *Solid tantalum Do Not Ground Strobe Pin. Typical input current is 50 pA with inputs strobed off. Pin connections shown in Schematic Diagram and Typical Applications are for the LMC TO-99 package. Figure 7. Strobing off Both Input and Output Figure 8. Positive Peak Detector Stages 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM111-N LM211-N LM311-N |
유사한 부품 번호 - LM311N |
|
유사한 설명 - LM311N |