전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4944GP 데이터시트(PDF) 1 Page - General Semiconductor

부품명 1N4944GP
상세설명  GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

1N4944GP 데이터시트(HTML) 1 Page - General Semiconductor

  1N4944GP Datasheet HTML 1Page - General Semiconductor 1N4944GP Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4942GP THRU 1N4948GP
GLASS PASSIVATED JUNCTION FAST
SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically bonded construction
♦ For use in high frequency rectifier circuits
♦ Fast switching for high efficiency
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ 1.0 Ampere operation at TA=55°C with no thermal
runaway
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
1N
1N
1N
1N
1N
SYMBOLS
4942GP
4944GP
4946GP
4947GP
4948GP
UNITS
* Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
Volts
* Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
* Maximum DC blocking voltage
VDC
200
400
600
800
1000
Volts
* Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
1.0
Amp
* Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
25.0
Amps
* Maximum instantaneous forward voltage at 1.0A
VF
1.3
Volts
* Maximum DC reverse current
TA= 25°C
1.0
at rated DC blocking voltage
TA=150°C
IR
200.0
µA
* Maximum reverse recovery time (NOTE 1)
trr
150
250
500
ns
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
* Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
* JEDEC registered values
4/98
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
NOTE:
Lead diameter is
for suffix "E" part numbers
0.026 (0.66)
0.023 (0.58)
DO-204AL
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No,3,930,306
®


유사한 부품 번호 - 1N4944GP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
1N4944GP MCC-1N4944GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
First Components Intern...
1N4944GP FCI-1N4944GP Datasheet
164Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
1N4944GP VISHAY-1N4944GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Shanghai Lunsure Electr...
1N4944GP CHENYI-1N4944GP Datasheet
53Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Gulf Semiconductor
1N4944GP GULFSEMI-1N4944GP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 1.0A
More results

유사한 설명 - 1N4944GP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4942GP VISHAY-1N4942GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP15A VISHAY-RGP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP10A VISHAY-RGP10A_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP25A VISHAY-RGP25A_V01 Datasheet
74Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
BA157GP VISHAY-BA157GP_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP15M-E3 VISHAY-RGP15M-E3 Datasheet
72Kb / 4P
   Glass Passivated Junction Fast Switching Plastic Rectifier
Revision: 11-Dec-13
logo
Shenzhen Taychipst Elec...
RMPG06A TAYCHIPST-RMPG06A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP02-12E VISHAY-RGP02-12E_15 Datasheet
90Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
Revision: 11-Dec-13
logo
General Semiconductor
RGP15A GE-RGP15A Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com