전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4947GP 데이터시트(PDF) 2 Page - General Semiconductor

부품명 1N4947GP
상세설명  GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

1N4947GP 데이터시트(HTML) 2 Page - General Semiconductor

  1N4947GP Datasheet HTML 1Page - General Semiconductor 1N4947GP Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1.0
110
100
5.0
10
15
20
25
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
110
100
1
10
30
020
40
60
80
100
0.01
0.1
1
10
20
0.01
0.1
1
10
100
0.1
1
10
100
RATINGS AND CHARACTERISTIC CURVES 1N4942GP THRU 1N4948GP
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=125°C
TJ=25°C
TJ=25°C
PULSE WIDTH = 300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
FIG. 1 - FORWARD CURRENT DERATING CURVE
0.375" (9.5mm) LEAD LENGTH
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=75°C
RESISTIVE OR
INDUCTIVE LOAD
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec


유사한 부품 번호 - 1N4947GP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
1N4947GP MCC-1N4947GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
First Components Intern...
1N4947GP FCI-1N4947GP Datasheet
164Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
1N4947GP VISHAY-1N4947GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Shanghai Lunsure Electr...
1N4947GP CHENYI-1N4947GP Datasheet
53Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Gulf Semiconductor
1N4947GP GULFSEMI-1N4947GP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 1.0A
More results

유사한 설명 - 1N4947GP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4942GP VISHAY-1N4942GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP15A VISHAY-RGP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP10A VISHAY-RGP10A_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP25A VISHAY-RGP25A_V01 Datasheet
74Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
BA157GP VISHAY-BA157GP_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP15M-E3 VISHAY-RGP15M-E3 Datasheet
72Kb / 4P
   Glass Passivated Junction Fast Switching Plastic Rectifier
Revision: 11-Dec-13
logo
Shenzhen Taychipst Elec...
RMPG06A TAYCHIPST-RMPG06A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP_V01 Datasheet
81Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
RGP02-12E VISHAY-RGP02-12E_15 Datasheet
90Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
Revision: 11-Dec-13
logo
General Semiconductor
RGP15A GE-RGP15A Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com