전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM4006-T 데이터시트(PDF) 7 Page - Rectron Semiconductor

부품명 FM4006-T
상세설명  PASSIVATED SILICON RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4006-T 데이터시트(HTML) 7 Page - Rectron Semiconductor

Back Button FM4006-T Datasheet HTML 2Page - Rectron Semiconductor FM4006-T Datasheet HTML 3Page - Rectron Semiconductor FM4006-T Datasheet HTML 4Page - Rectron Semiconductor FM4006-T Datasheet HTML 5Page - Rectron Semiconductor FM4006-T Datasheet HTML 6Page - Rectron Semiconductor FM4006-T Datasheet HTML 7Page - Rectron Semiconductor FM4006-T Datasheet HTML 8Page - Rectron Semiconductor FM4006-T Datasheet HTML 9Page - Rectron Semiconductor FM4006-T Datasheet HTML 10Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1. REEL
Packing
D
Code
(mm)
-T
178
-W
330
2. CARTON
Packing
L
W
H
Code
(mm)
(mm)
(mm)
-T
390
205
310
-W
355
360
350
D


유사한 부품 번호 - FM4006-T

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM4006-L FORMOSA-FM4006-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4006-L FORMOSA-FM4006-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4006-M FORMOSA-FM4006-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4006-M PACELEADER-FM4006-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4006-M LUGUANG-FM4006-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
More results

유사한 설명 - FM4006-T

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
1N5415 CENTRAL-1N5415 Datasheet
287Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL101 SMC-RL101 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188_15 Datasheet
289Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com