전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7306 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF7306
상세설명  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7306 데이터시트(HTML) 9 Page - International Rectifier

  IRF7306 Datasheet HTML 1Page - International Rectifier IRF7306 Datasheet HTML 2Page - International Rectifier IRF7306 Datasheet HTML 3Page - International Rectifier IRF7306 Datasheet HTML 4Page - International Rectifier IRF7306 Datasheet HTML 5Page - International Rectifier IRF7306 Datasheet HTML 6Page - International Rectifier IRF7306 Datasheet HTML 7Page - International Rectifier IRF7306 Datasheet HTML 8Page - International Rectifier IRF7306 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7306
Tape & Reel Information
SO-8
Dimensions are shown in millimeters (inches)
4.10 ( .161 )
3.90 ( .154 )
1.60 (.062)
1.50 (.059)
1.85 (.072)
1.65 (.065)
5.30 ( .208)
5.10 ( .201)
5.55 (.218)
5.45 (.215)
2.60 (.102)
1.50 (.059)
6.50 (.255)
6.30 (.248)
8.10 (.318)
7.90 (.311)
F E ED D IRE CT IO N
TERM IN AT IO N
N UM BE R
1
2 .05 (.080)
1 .95 (.077)
0.35 (.013)
0.25 (.010)
1 2.30 (.484)
1 1.70 (.461)
2.20 ( .08 6)
2.00 ( .07 9)
15.40 (.607)
11.90 (.469)
2
50.00
(1.96 9)
M IN.
18.4 0 ( .7 24)
M AX 3
14.40 (.5 66)
12.40 (.4 48)
3
33 0.00
( 13.000)
M AX .
13.20 (.519)
12.80 (.504)
NO T ES :
1 CO N F O RM S T O EIA -48 1-1
2 INC LUD ES F LA NGE D IST ORT ION @ OU T ER E DGE
3 DIM E NS IO NS M E AS URE D @ HUB
4 CO N T RO LLING DIM E NSIO N : M ET R IC
1
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97


유사한 부품 번호 - IRF7306

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7306 IRF-IRF7306 Datasheet
113Kb / 9P
   HEXFET Power MOSFET
IRF7306 IRF-IRF7306 Datasheet
116Kb / 9P
   Generation V Technology
IRF7306PBF IRF-IRF7306PBF Datasheet
231Kb / 9P
   HEXFET짰Power MOSFET
IRF7306PBF IRF-IRF7306PBF Datasheet
237Kb / 9P
   GENERATION V TECHNOLOGY
IRF7306PBF IRF-IRF7306PBF_15 Datasheet
237Kb / 9P
   GENERATION V TECHNOLOGY
More results

유사한 설명 - IRF7306

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com