전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-8639 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 P-8639
상세설명  Step-Up Auto Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

P-8639 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  P-8639 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.stancor.com
Step-Up
Auto Transformers
115 to 230 Volts
ELECTROCUTION HAZARD
Disconnect electric power to system at
main fuse or circuit breaker box before
servicing. Failure to do so could result
in death or serious injury.
FIRE HAZARD
Do not
exceed transformer ratings.
Higher voltage may damage control
and could cause personal injury or
property damage.
WARNING
!
NOTES:
1. All dimensions in inches, unless otherwise specified.
2. All dimensions ±.062, unless otherwise specified.
3. Plug cord 5 1/2 feet long min.
4. Receptacle cord 8 inches long min.
PART NO. 37-6205B
Replaces 37-6205A
0838
INPUT:
OUTPUT:
INSULATION RATING:
TEMPERATURE RISE:
DIELECTRIC STRENGTH:
115VAC, 50/60Hz
230 VAC (See Output Amp rating &
VA Capacity in table below)
Class A (105˚C)
65˚C Max. rise over
40˚C Max. ambient
1500 VRMS
MD
MW W
MAX.
GND.
D
MAX.
H
MAX.
2
1'
1
3
INPUT PLUG
NEMA 5-15P
RECEPTACLE
NEMA 6-15R
GND.
MS
±.031
(4 PLACES)
230V
115V
COM
COM
INPUT LINE CORD
GROUND
OUTPUT LINE CORD
GROUND
3
2
1
1'
VIN CORD &
PLUG SET
VOUT CORD &
RECEPTACLE SET
SCHEMATIC DIAGRAM
STANCOR
Output
V.A.
Dimensions - Inches
Wt.
Part No.
Amps
Cap.
H
W
D
MW
MD
MS
Lbs
P-8637
0.37
85
3.19
2.56
2.88
2.00
1.75
.203 X .687
2.50
P-8638
0.54
125
3.19
2.56
3.00
2.00
2.06
.203 X .687
3.00
P-8639
1.30
300
3.94
3.19
3.94
2.50
2.22
.203 X .750
5.20
P-8640
2.17
500
4.69
3.81
4.50
3.00
3.19
.203 X .500
10.30
P-8689
4.35
1000
4.69
3.81
6.13
3.00
4.69
.203 X .750
17.00


유사한 부품 번호 - P-8639

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P-8630 ETC2-P-8630 Datasheet
95Kb / 1P
   Step-Down Auto Transformers
P-8631 ETC2-P-8631 Datasheet
95Kb / 1P
   Step-Down Auto Transformers
P-8632 ETC2-P-8632 Datasheet
95Kb / 1P
   Step-Down Auto Transformers
P-8634 ETC2-P-8634 Datasheet
95Kb / 1P
   Step-Down Auto Transformers
More results

유사한 설명 - P-8639

제조업체부품명데이터시트상세설명
logo
TDK Electronics
ATB322524-0110 TDK-ATB322524-0110 Datasheet
95Kb / 7P
   Step-up Transformers
logo
List of Unclassifed Man...
P-8634 ETC2-P-8634 Datasheet
95Kb / 1P
   Step-Down Auto Transformers
logo
Coilcraft lnc.
LPR6235-253PML COILCRAFT-LPR6235-253PML Datasheet
199Kb / 2P
   Miniature Step-Up / Flyback Transformers
logo
TDK Electronics
ATB3225 TDK-ATB3225 Datasheet
50Kb / 3P
   Step-up Transformers Wound SMD
logo
Linear Technology
LTC3109 LINER-LTC3109_12 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
logo
Mitsumi Electronics, Co...
CT-SERIES MITSUMI-CT-SERIES Datasheet
132Kb / 2P
   Step Up DC/DC Converter Transformers for Strobe Light
logo
Linear Technology
LTC3109 LINER-LTC3109_15 Datasheet
420Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
LTC3109 LINER-LTC3109 Datasheet
334Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
logo
Fairchild Semiconductor
ILC6390 FAIRCHILD-ILC6390 Datasheet
79Kb / 10P
   SOT-89 Step-Up PFM Switcher with Auto-Load Sense
logo
Impala Linear Corporati...
ILC6390 IMPALA-ILC6390 Datasheet
525Kb / 9P
   SOT-89 STEP-UP PFM SWITCHER WITH AUTO-LOAD SENSE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com