전자부품 데이터시트 검색엔진 |
|
TS12A4516DR 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
TS12A4516DR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 18 page TS12A4516 ,, TS12A4517 SCDS236B – DECEMBER 2006 – REVISED APRIL 2009 ................................................................................................................................................. www.ti.com PIN DESCRIPTION(1) PIN NO. TS12A4516 TS12A4517 NAME DESCRIPTION D, P SOT23-5 D, P SOT23-5 1 1 1 1 COM Common 2, 3, 5 – 2, 3, 5 – N.C. No connect (not internally connected) 4 5 4 5 V+ Positive power supply 6 4 6 4 IN Digital control to connect COM to NO or NC 7 3 7 3 V– Negative power supply 8 2 – – NO Normally open – – 8 2 NC Normally closed (1) NO, NC, and COM pins are identical and interchangeable. Any may be considered as an input or an output; signals pass in both directions. 6 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): TS12A4516 TS12A4517 |
유사한 부품 번호 - TS12A4516DR |
|
유사한 설명 - TS12A4516DR |