전자부품 데이터시트 검색엔진 |
|
SM2A312CV2QD 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SM2A312CV2QD 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 8 page MINI-BEAM ® SM2A312CV and SM2A312CV2 Self-contained AC-operated Convergent Mode Sensors Printed in USA P/N 03402L7H • Compact, modulated, self-contained convergent mode sensors for 24-240V ac operation • Produces a precise 1.3 mm (0.05 in) diameter sensing spot at a focus point 16 mm (0.65 in) from the lens surface (model SM2A312CV) or a 3.0 mm (0.12 in) sensing spot at 43 mm (1.70 in) focus (model SM2A312CV2) • Switch-selectable for light operate or dark operate • SPST SCR solid-state output switches up to 300mA; low leakage current and saturation voltage • Rugged, epoxy-encapsulated construction: meets NEMA standards 1, 2, 3, 3S, 4, 4X, 12 and 13; IEC IP67 • Physically and electrically interchangeable with 18 mm barrel-type photoelectrics MINI-BEAM Convergent Mode 37.5 mm 1.5 in 30 mm 1.2 in 22.5 mm 0.9 in 15 mm 0.6 in 7.5 mm 0.3 in 0 0 1.0 mm 2.0 mm 3.0 mm 1.0 mm 2.0 mm 3.0 mm 0 0.04 in 0.08 in 0.12 in 0.04 in 0.08 in 0.12 in DISTANCE SM2A312CV Convergent Mode Models Range Cable Supply Voltage Output Type Excess Gain Beam Pattern SM2A312CV SM2A312CVQD 16 mm (0.65 in) Spot Size at Focus: 1.3 mm (0.05 in) 2 m (6.5 ft) 3-Pin Micro QD 24-240V ac SPST Solid-state 2-Wire 1 10 100 10 mm .4 in 100 mm 4 in 1000 mm 40 in 1 mm .04 in 1000 E X C E S S G A I N DISTANCE Convergent Mode SM2A312CV Performance based on 90% reflectance white test card Visible red, 650 nm 125 mm 5 in 100 mm 4 in 75 mm 3 in 50 mm 2 in 25 mm 1 in 0 0 1.0 mm 2.0 mm 3.0 mm 1.0 mm 2.0 mm 3.0 mm 0 0.04 in 0.08 in 0.12 in 0.04 in 0.08 in 0.12 in DISTANCE SM2A312CV2 Convergent Mode SM2A312CV2 SM2A312CV2QD 43 mm (1.7 in) Spot Size at Focus: 3.0 mm (0.12 in) 2 m (6.5 ft) 3-Pin Micro QD 24-240V ac SPST Solid-state 2-Wire 1 10 100 10 mm .4 in 100 mm 4 in 1000 mm 40 in 1 mm .04 in 1000 E X C E S S G A I N DISTANCE SM2A312CV2 Convergent Mode For Standard MINI-BEAMs: i) 9 m (30 ft) cables are available by adding suffix “W/30” to the model number of any cabled sensor (e.g. - SM2A312CV W/30). ii) A 150 mm (6 in.) long pigtail cable with attached QD connector is available by adding suffix “QDP” to the model number of any MINI-BEAM sensor (e.g. - SM2A312CVQDP). See page 5 for more information. iii) A model with a QD connector requires an accessory mating cable. See page 5 for more information. |
유사한 부품 번호 - SM2A312CV2QD |
|
유사한 설명 - SM2A312CV2QD |