전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV-1513 데이터시트(PDF) 10 Page - Altech corporation

부품명 MV-1513
상세설명  PRINTED CIRCUIT BOARD TERMINAL BLOCKS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTECH [Altech corporation]
홈페이지  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MV-1513 데이터시트(HTML) 10 Page - Altech corporation

Back Button MV-1513 Datasheet HTML 6Page - Altech corporation MV-1513 Datasheet HTML 7Page - Altech corporation MV-1513 Datasheet HTML 8Page - Altech corporation MV-1513 Datasheet HTML 9Page - Altech corporation MV-1513 Datasheet HTML 10Page - Altech corporation MV-1513 Datasheet HTML 11Page - Altech corporation MV-1513 Datasheet HTML 12Page - Altech corporation MV-1513 Datasheet HTML 13Page - Altech corporation MV-1513 Datasheet HTML 14Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
13
Dimensions
Dimensions
L
D
K
G
H
C
M
B
P
P/2
A
I
O
J
H
M
G
N
P/2
L
A
B
P
E
K
C
I
J
O
A 16.00 mm
B 10.16 mm
C 11.00 mm
D 5.00 mm
E–
F–
G 4.50 mm
H 9.40 mm
I
2.80 mm
J
2.80 mm
K Ø3.80 mm
L 0.70 mm
M 0.90 mm
N–
O 3.60 mm
P 5.08 mm
A 16.00 mm
B 10.16 mm
C 11.00 mm
D–
E 5.00 mm
F–
G 4.50 mm
H 9.40 mm
I
2.80 mm
J 2.80 mm
K Ø3.80 mm
L 0.70 mm
M 0.90 mm
N 3.40 mm
O 3.60 mm
P 5.08 mm
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MV-252
10.2
3
MV-253
15.2
4
MV-254
20.3
5
MV-255
25.4
6
MV-256
30.5
7
MV-257
35.6
8
MV-258
40.6
9
MV-259
45.7
10
MV-2510
50.8
11
MV-2511
55.9
12
MV-2512
61.0
13
MV-2513
66.0
14
MV-2514
71.1
15
MV-2515
76.2
16
MV-2516
81.3
17
MV-2517
86.4
18
MV-2518
91.4
19
MV-2519
96.5
20
MV-2520
101.6
21
MV-2521
106.7
22
MV-2522
111.8
23
MV-2523
116.8
24
MV-2524
121.9
Pin Spacing: 5.08mm
Orientation: Vertical
Clamp Type: Screw Cage
Design:
Modular
MV-25
ELECTRICAL
Current
Voltage
Wire Range
15A"
300V
30-14AWG
24A
450V
2.5mm2 Stranded
4.0mm2 Solid
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size 1.3mm
Torque
0.5Nm
Stripping Lgth. 8.3mm
(4.5 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Clamp
Nickeled Brass
125˚C IEC
Color
Green
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MV-252-D
10.2
3
MV-253-D
15.2
4
MV-254-D
20.3
5
MV-255-D
25.4
6
MV-256-D
30.5
7
MV-257-D
35.6
8
MV-258-D
40.6
9
MV-259-D
45.7
10
MV-2510-D
50.8
11
MV-2511-D
55.9
12
MV-2512-D
61.0
13
MV-2513-D
66.0
14
MV-2514-D
71.1
15
MV-2515-D
76.2
16
MV-2516-D
81.3
17
MV-2517-D
86.4
18
MV-2518-D
91.4
19
MV-2519-D
96.5
20
MV-2520-D
101.6
21
MV-2521-D
106.7
22
MV-2522-D
111.8
23
MV-2523-D
116.8
24
MV-2524-D
121.9
MV-25-D
ELECTRICAL
Current
Voltage
Wire Range
15A"
300V
30-14AWG
16A
450V
2.5mm2 Stranded
4.0mm2 Solid
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size 1.3mm
Torque
0.5Nm
Stripping Lgth. 8.3mm
(4.5 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Clamp
Nickeled Brass
125˚C IEC
Color
Green
Pin Spacing: 5.08mm
Orientation: Vertical
Clamp Type: Screw Cage
Design:
Modular
" 16A Factory Wiring - UL
" 18A Factory Wiring - UL
Fixed PCB Blocks
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20


유사한 부품 번호 - MV-1513

제조업체부품명데이터시트상세설명
logo
Ohmite Mfg. Co.
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
logo
Tyco Electronics
MV-101101-1.3-8A MACOM-MV-101101-1.3-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101165-0.85-8A MACOM-MV-101165-0.85-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101508-2.5-8A MACOM-MV-101508-2.5-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

유사한 설명 - MV-1513

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com