전자부품 데이터시트 검색엔진 |
|
LM139AW883 데이터시트(PDF) 4 Page - Texas Instruments |
|
LM139AW883 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 29 page LM139AQML, LM139QML SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013 www.ti.com Recommended Operating Conditions Supply Voltage 5.0 VDC to +30 VDC Ambient Operating Temperature Range −55°C ≤ TA ≤ +125°C Quality Conformance Inspection Mil-Std-883, Method 5005 — Group A Subgroup Description Temp (°C) 1 Static tests at +25 2 Static tests at +125 3 Static tests at -55 4 Dynamic tests at +25 5 Dynamic tests at +125 6 Dynamic tests at -55 7 Functional tests at +25 8A Functional tests at +125 8B Functional tests at -55 9 Switching tests at +25 10 Switching tests at +125 11 Switching tests at -55 LM133 883 Electrical Characteristics DC Parameters The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V Symbol Parameters Conditions Sub- Notes Min Max Unit groups ICC Supply Current RL = Infinity 2.0 mA 1, 2, 3 Supply Current +V = 30V, RL = Infinity 2.0 mA 1, 2, 3 VIO Input Offset Voltage +V = 30V -5.0 5.0 mV 1 -9.0 9.0 mV 2, 3 +V = 30V, VCM = 28.5V -5.0 5.0 mV 1 +V = 30V, VCM = 28.0V -9.0 9.0 mV 2, 3 -5.0 5.0 mV 1 -9.0 9.0 mV 2, 3 CMRR Common Mode Rejection Ratio +V = 30V, VCM = 0V to 28.5V 60 dB 1 PSRR Power Supply Rejection Ratio +V = 5V to 30V 60 dB 1 ± IBias Input Bias Current VO = 1.5V See(1) -100 -1.0 nA 1 See(1) -300 -1.0 nA 2, 3 IIO Input Offset Current VO = 1.5V -25 25 nA 1 -100 100 nA 2, 3 ICEX Output Leakage Current +V = 30V, VO = 30V 1.0 µA 1, 2, 3 ISink Output Sink Current VO = 1.5V 6.0 mA 1 VSat Saturation Voltage ISink = 4mA 400 mV 1 700 mV 2, 3 AV Voltage Gain +V = 15V, RL ≥ 15ΩK, VI = 1V to 50 V/mV 1 11V (1) The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the reference or input lines. 4 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM139AQML LM139QML |
유사한 부품 번호 - LM139AW883 |
|
유사한 설명 - LM139AW883 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |