전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC849C 데이터시트(PDF) 1 Page - General Semiconductor

부품명 BC849C
상세설명  Small Signal Transistors (NPN)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

BC849C 데이터시트(HTML) 1 Page - General Semiconductor

  BC849C Datasheet HTML 1Page - General Semiconductor BC849C Datasheet HTML 2Page - General Semiconductor BC849C Datasheet HTML 3Page - General Semiconductor BC849C Datasheet HTML 4Page - General Semiconductor BC849C Datasheet HTML 5Page - General Semiconductor BC849C Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions in inches and (millimeters)
SOT-23
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
FEATURES
Small Signal Transistors (NPN)
5/98
Symbol
Value
Unit
Collector-Base Voltage
BC846
BC847
BC848, BC849
VCBO
VCBO
VCBO
80
50
30
V
V
V
Collector-Emitter Voltage
BC846
BC847
BC848, BC849
VCES
VCES
VCES
80
50
30
V
V
V
Collector-Emitter Voltage
BC846
BC847
BC848, BC849
VCEO
VCEO
VCEO
65
45
30
V
V
V
Emitter-Base Voltage
BC846, BC847
BC848, BC849
VEBO
VEBO
6
5
V
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Peak Emitter Current
–IEM
200
mA
Power Dissipation at TSB = 50 °C
Ptot
3101)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Device on fiberglass substrate, see layout
BC846 THRU BC849
NPN Silicon Epitaxial Planar Transistors
for switching and AF amplifier applications.
Especially suited for automatic insertion in
thick- and thin-film circuits.
These transistors are subdivided into three
groups A, B and C according to their current gain. The
type BC846 is available in groups A and B, however, the
types BC847 and BC848 can be supplied in all three
groups. The BC849 is a low noise type available in groups
B and C. As complementary types, the PNP transistors
BC856...BC859 are recommended.
Marking code
Type
Marking
BC846A
B
BC847A
B
C
1A
1B
1E
1F
1G
Type
Marking
BC848A
B
C
BC849B
C
1J
1K
1L
2B
2C


유사한 부품 번호 - BC849C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC849C PHILIPS-BC849C Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
List of Unclassifed Man...
BC849C ETC-BC849C Datasheet
546Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BC849C SIEMENS-BC849C Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
NXP Semiconductors
BC849C NXP-BC849C Datasheet
139Kb / 8P
   NPN general purpose transistors
2004 Jan 16
logo
Infineon Technologies A...
BC849C INFINEON-BC849C Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
More results

유사한 설명 - BC849C

제조업체부품명데이터시트상세설명
logo
General Semiconductor
2N4124 GE-2N4124 Datasheet
210Kb / 5P
   Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
   Small Signal Transistors (NPN)
2N3904 GE-2N3904 Datasheet
112Kb / 3P
   SMALL SIGNAL TRANSISTORS NPN
BC546 GE-BC546 Datasheet
263Kb / 6P
   Small Signal Transistors (NPN)
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
June 1997
logo
Micro Commercial Compon...
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
   NPN Small Signal Transistors
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
   NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
   NPN Small Signal Transistors
logo
General Semiconductor
MMBT3904 GE-MMBT3904 Datasheet
136Kb / 3P
   Small Signal Transistors (NPN)
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
   SMALL SIGNAL TRANSISTORS (NPN)
MPSA42 GE-MPSA42 Datasheet
38Kb / 2P
   Small Signal Transistors (NPN)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com