전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6004F81 데이터시트(PDF) 8 Page - Littelfuse

부품명 L6004F81
상세설명  Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6004F81 데이터시트(HTML) 8 Page - Littelfuse

  L6004F81 Datasheet HTML 1Page - Littelfuse L6004F81 Datasheet HTML 2Page - Littelfuse L6004F81 Datasheet HTML 3Page - Littelfuse L6004F81 Datasheet HTML 4Page - Littelfuse L6004F81 Datasheet HTML 5Page - Littelfuse L6004F81 Datasheet HTML 6Page - Littelfuse L6004F81 Datasheet HTML 7Page - Littelfuse L6004F81 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Sensitive Triacs
Data Sheets
http://www.littelfuse.com
E1 - 8
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E1.9 Peak Surge Current versus Surge Current Duration
Figure E1.10 Power Dissipation (Typical) versus RMS On-state Current
(0.8 A and 1 A)
Figure E1.11 Power Dissipation (Typical) versus RMS On-state Current
(4 A, 6 A, and 8 A)
1
24
36 8 10
20
40
30
60
100
200
400 600 1000
1
2
3
4
6
10
8
20
30
40
60
100
80
150
200
Surge Current Duration – Full Cycles
8 A
6 A
0.8 A
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-state Current: [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
NOTES:
1) Gate control may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
1 A
4 A
0
0.25
0.50
0.75
1.0
1.25
1.5
0
0.5
1.0
1.5
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
1 A
0.8 A
0
.5
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
8.0
6 A and 8 A
4 A
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚


유사한 부품 번호 - L6004F81

제조업체부품명데이터시트상세설명
logo
Teccor Electronics
L6004F81 TECCOR-L6004F81 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6004F81 LITTELFUSE-L6004F81 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6004F81 TECCOR-L6004F81 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6004F81 LITTELFUSE-L6004F81 Datasheet
176Kb / 8P
   RoHS Compliant
More results

유사한 설명 - L6004F81

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com