전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A623157RSER 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TS5A623157RSER
상세설명  DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A623157RSER 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TS5A623157RSER Datasheet HTML 2Page - Texas Instruments TS5A623157RSER Datasheet HTML 3Page - Texas Instruments TS5A623157RSER Datasheet HTML 4Page - Texas Instruments TS5A623157RSER Datasheet HTML 5Page - Texas Instruments TS5A623157RSER Datasheet HTML 6Page - Texas Instruments TS5A623157RSER Datasheet HTML 7Page - Texas Instruments TS5A623157RSER Datasheet HTML 8Page - Texas Instruments TS5A623157RSER Datasheet HTML 9Page - Texas Instruments TS5A623157RSER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TS5A623157
DUAL 10-
Ω SPDT ANALOG SWITCH
WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
SCDS253 – SEPTEMBER 2007
Electrical Characteristics for 3.3-V Supply (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
3.3 V
1
4.7
9.0
VCOM = V+ or GND,
CL = 50 pF,
Turn-on time
tON
ns
3 V to
RL = 500 Ω,
See Figure 17
Full
1
10.0
3.6 V
25
°C
3.3 V
1
3.2
6.3
VCOM = V+ or GND,
CL = 50 pF,
Turn-off time
tOFF
ns
3 V to
RL = 500 Ω,
See Figure 17
Full
1
7.0
3.6 V
Output voltage
during
VOUTU
See Figure 24
2.5
VOH – 0.3
V
undershoot
Output voltage
during
VOUTO
See Figure 24
VOL + 0.3
2
V
overshoot
25
°C
3.3 V
0.5
7
17
Break-before-
VNC = VNO = V+/2,
CL = 50 pF,
tBBM
ns
3 V to
make time
RL = 50 Ω,
See Figure 18
Full
0.5
19.5
3.6 V
Charge
VGEN = 0,
CL = 0.1 nF,
QC
25
°C
3.3 V
75
pC
injection
RGEN = 0,
See Figure 22
NC, NO
VNC or VNO = V+ or
CNC(OFF),
OFF
GND,
See Figure 16
25
°C
3.3 V
5
pF
CNO(OFF)
capacitance
Switch OFF,
VNC or VNO = V+ or
NC, NO
CNC(ON),
GND,
See Figure 16
25
°C
3.3 V
14.5
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25
°C
3.3 V
14.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
3.3 V
3.5
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25
°C
3.3 V
370
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
3.3 V
–60
dB
f = 10 MHz,
See Figure 20
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
3.3 V
–60
dB
f = 10 MHz,
See Figure 21
Total
f = 20 Hz to
RL = 600 Ω,
harmonic
THD
20 kHz,
25
°C
3.3 V
0.1
%
CL = 50 pF,
distortion
See Figure 23
Supply
Positive
25
°C
0.05
0.5
Switch ON or
supply
I+
VI = V+ or GND,
3.6 V
μA
OFF
Full
0.75
current
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A623157


유사한 부품 번호 - TS5A623157RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A623157RSER TI-TS5A623157RSER Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
More results

유사한 설명 - TS5A623157RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_05 Datasheet
169Kb / 11P
   Low Voltage SPDT Analog Switch with 2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com