전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A21366 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A21366
상세설명  0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A21366 데이터시트(HTML) 4 Page - Texas Instruments

  TS5A21366 Datasheet HTML 1Page - Texas Instruments TS5A21366 Datasheet HTML 2Page - Texas Instruments TS5A21366 Datasheet HTML 3Page - Texas Instruments TS5A21366 Datasheet HTML 4Page - Texas Instruments TS5A21366 Datasheet HTML 5Page - Texas Instruments TS5A21366 Datasheet HTML 6Page - Texas Instruments TS5A21366 Datasheet HTML 7Page - Texas Instruments TS5A21366 Datasheet HTML 8Page - Texas Instruments TS5A21366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
TS5A21366
SCDS285A – MARCH 2009 – REVISED OCTOBER 2009................................................................................................................................................. www.ti.com
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO
25°C
0.75
1
VNO = 2.5 V,
Switch ON,
ON-state resistance
ron
4.5 V
Ω
ICOM = –100 mA,
See Figure 15
Full
1.4
ON-state resistance
25°C
0.04
0.1
VNO = 2.5 V,
Switch ON,
match between
Δron
4.5 V
Ω
ICOM = –100 mA,
See Figure 15
Full
0.1
channels
25°C
0.15
0.25
ON-state resistance
VNO = 1 V, 1.5 V, 2.5 V,
Switch ON,
ron(flat)
4.5 V
Ω
flatness
ICOM = –100 mA,
See Figure 15
Full
0.25
VNO = 1 V,
–10
1.4
10
VCOM = 4.5 V,
INO(OFF)
or
25°C
5.5 V
nA
–235
235
NO OFF leakage
Switch OFF,
VNO = 4.5 V,
current
See Figure 16
VCOM = 1 V,
–5
0.06
5
VNO = 0 to 5.5 V,
INO(PWROFF)
Full
0 V
µA
VCOM = 5.5 V to 0,
–10
10
VCOM = 1 V,
25°C
–10
1.4
10
VNO = 4.5 V,
ICOM(OFF)
or
5.5 V
nA
Full
–235
235
COM OFF leakage
Switch OFF,
VCOM = 4.5 V,
current
See Figure 16
VNO = 1 V,
25°C
–5
0.06
5
VNO = 0 to 5.5 V,
ICOM(PWROFF)
0 V
µA
VCOM = 5.5 V to 0,
Full
–10
10
VNO = 1 V,
25°C
–5
1.33
5
VCOM = Open,
NO ON leakage
Switch ON,
INO(ON)
or
5.5 V
nA
current
See Figure 17
Full
–50
50
VNO = 4.5 V,
VCOM = Open,
VCOM = 1 V,
25°C
–5
1.33
5
VNO = Open,
COM
Switch ON,
ICOM(ON)
or
5.5 V
nA
ON leakage current
See Figure 17
Full
–50
50
VCOM = 4.5 V,
VNO = Open,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
5.5 V
1.05
5.5
V
Input logic low
VIL
Full
5.5 V
0
0.6
V
Input leakage current
IIH, IIL
VI = 1.95 V or GND
Full
5.5 V
–0.6
0.6
µA
Input resistance
rIN
VI = 1.95 V
Full
5.5 V
6
M
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A21366


유사한 부품 번호 - TS5A21366

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366DCUR TI-TS5A21366DCUR Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366DCUR TI-TS5A21366DCUR Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366RSER TI-TS5A21366RSER Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

유사한 설명 - TS5A21366

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com