전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U13 데이터시트(PDF) 10 Page - C&K Components

부품명 U13
상세설명  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U13 데이터시트(HTML) 10 Page - C&K Components

Back Button U13 Datasheet HTML 6Page - C&K Components U13 Datasheet HTML 7Page - C&K Components U13 Datasheet HTML 8Page - C&K Components U13 Datasheet HTML 9Page - C&K Components U13 Datasheet HTML 10Page - C&K Components U13 Datasheet HTML 11Page - C&K Components U13 Datasheet HTML 12Page - C&K Components U13 Datasheet HTML 13Page - C&K Components U13 Datasheet HTML 14Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
ACTUATOR–PC MOUNT
TERMINATIONS
PC MOUNTING
Dim 'A'
SPDT thru 4PDT
SPDT thru 4PDT
Z3
QUICK CONNECT
W, W3, W5
WIRE WRAP
SPDT thru 4PDT
Not available with P, R or S contact materials.
Available actuators, see pages G-7 through G-13.
Not available with P, R or S contact materials. Available
actuators, see pages G-7 through G-13. Mating quick
connector available; order part number 530100000,
page G-23.
NOTE: Available actuators, see
pages G-7 through G-13.
NOTE: Available actuators, see pages G-7 through G-13.
Finish: Matte. Other colors, custom actuator
markings and legends available, consult
Customer Service Center.
NOTE: Some permissible actuator/termination
combinations may lack clearance between
actuator and PC board, and care must be
exercised to accommodate this condition.
Actuators available separately, see page G-22.
J60 & J90 actuators available with A (DP, 3P
models only), A3 (DP, 3P models only), AV2,
AV3, AW3 (DP, 3P models only) & V2-V61
terminations.
SPDT thru 4PDT
Z
SOLDER LUG
C
PC THRU-HOLE
J90
LEVER
J60
LEVER
ACTUATOR COLOR
ACTUATOR
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
W
.750 (19,05)
W3
.425 (10,80)
W5
1.305 (33,15)
DIM ‘A’
OPTION
CODE
G
G–13
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


유사한 부품 번호 - U13

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
U13 ETC2-U13 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U13 ETC2-U13 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
U130 ETC2-U130 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U130 ETC2-U130 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Intel Corporation
U1300 INTEL-U1300 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
More results

유사한 설명 - U13

제조업체부품명데이터시트상세설명
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com