전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM13-60 데이터시트(PDF) 2 Page - General Semiconductor

부품명 BYM13-60
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

BYM13-60 데이터시트(HTML) 2 Page - General Semiconductor

  BYM13-60 Datasheet HTML 1Page - General Semiconductor BYM13-60 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
175
0
0.25
0.50
0.75
1.0
1
100
5.0
10
15
20
25
30
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10.0
50
0.1
1
10
40
100
10
100
400
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
RATINGS AND CHARACTERISTIC CURVES BYM13-20 THRU BYM13-60, SGL41-20 THRU SGL41-60
TJ=125°C
TJ=150°C
FIG. 1 - FORWARD CURRENT DERATING CURVE
TERMINAL TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
AT RATED Td
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=75°C
TJ=25°C
TJ=25°C
SGL41-20 - SGL41-40
SGL41-50 & SGL41-60
PULSE WIDTH = 300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
P.C.B. MOUNTED
on 0.24 x 0.24”
(6.0 x 6.0mm)
COPPER LAND
AREAS
SGL41-20 - SGL41-40
SGL41-50 & SGL41-60
TJ=125°C
RESISTIVE OR
INDUCTIVE LOAD
SGL41-20 - SGL41-40
SGL41-50 & SGL41-60
SGL41-20 -SGL41-40
SGL41-50 & SGL41-60


유사한 부품 번호 - BYM13-60

제조업체부품명데이터시트상세설명
logo
Seme LAB
BYM13-60 SEME-LAB-BYM13-60 Datasheet
82Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
Vishay Siliconix
BYM13-60 VISHAY-BYM13-60 Datasheet
342Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 29-Apr-08
BYM13-60 VISHAY-BYM13-60 Datasheet
85Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Reivision: 26-Mar-12
logo
SUNMATE electronic Co.,...
BYM13-60 SUNMATE-BYM13-60 Datasheet
222Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifier
logo
Vishay Siliconix
BYM13-60 VISHAY-BYM13-60 Datasheet
99Kb / 5P
   Surface Mount Schottky Barrier Rectifier
Reivision: 13-Aug-13
More results

유사한 설명 - BYM13-60

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com