전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC1543QDWG4 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC1543QDWG4
상세설명   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDWG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TLC1543QDWG4 Datasheet HTML 3Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 4Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 5Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 6Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 7Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 8Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 9Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 10Page - Texas Instruments TLC1543QDWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
SC
Threshold
Detector
Node 512
REF −
REF+
ST
512
VI
To Output
Latches
REF+
REF+
REF+
REF+
1
2
4
8
16
128
256
1
REF+
REF+
REF −
REF −
REF −
REF −
REF −
REF −
REF −
REF −
ST
ST
ST
ST
ST
ST
ST
ST
CHIP-SELECT OPERATION
REFERENCE VOLTAGE INPUTS
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
Figure 1. Simplified Model of the Successive-Approximation System
The trailing edge of CS starts all modes of operation, and CS can abort a conversion sequence in any mode. A
high-to-low transition on CS within the specified time during an ongoing cycle aborts the cycle, and the device
returns to the initial state (the contents of the output data register remain at the previous conversion result).
Exercise care to prevent CS from being taken low close to completion of conversion because the output data
can be corrupted.
There are two reference inputs used with the device: REF+ and REF-. These voltage values establish the upper
and lower limits of the analog input to produce a full-scale and zero reading respectively. The values of REF+,
REF-, and the analog input should not exceed the positive supply or be lower than GND consistent with the
specified absolute maximum ratings. The digital output is at full scale when the input signal is equal to or higher
than REF+ and at zero when the input signal is equal to or lower than REF-.
7
Submit Documentation Feedback


유사한 부품 번호 - TLC1543QDWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC1543QDWG4 TI1-TLC1543QDWG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

유사한 설명 - TLC1543QDWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com