전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT4066QM96Q 데이터시트(PDF) 4 Page - Texas Instruments

부품명 CD74HCT4066QM96Q
상세설명  HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4066QM96Q 데이터시트(HTML) 4 Page - Texas Instruments

  CD74HCT4066QM96Q Datasheet HTML 1Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 2Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 3Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 4Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 5Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 6Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 7Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 8Page - Texas Instruments CD74HCT4066QM96Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CD74HCT4066-Q1
HIGH-SPEED CMOS LOGIC
QUAD BILATERAL SWITCH
SCLS581B − APRIL 2004 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
t
YorZ
ZorY
CL = 15 pF
5 V
4
ns
tpd
Y or Z
Z or Y
CL = 50 pF
4.5 V
12
18
ns
t
E
YorZ
CL = 15 pF
5 V
9
ns
ten
E
Y or Z
CL = 50 pF
4.5 V
24
36
ns
t
E
YorZ
CL = 15 pF
5 V
14
ns
tdis
E
Y or Z
CL = 50 pF
4.5 V
35
53
ns
operating characteristics, VCC = 5 V, TA = 25°C, input tr, tf = 6 ns
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance (see Note 6)
38
pF
NOTE 6: Cpd is used to determine the dynamic power consumption (PD), per package.
PD = (Cpd × VCC2 × fI) + Σ (CL + CS) × VCC2 × fO
fO = output frequency
fI = input frequency
CL = output load capacitance
CS = switch capacitance
VCC = supply voltage
analog channel characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
fmax
Switch frequency response bandwidth at −3 dB
See Figure 2 and Figure 8 and Notes 7 and 8
4.5 V
200
MHz
Crosstalk between any two switches
See Figure 1 and Figure 9 and Notes 8 and 9
4.5 V
−72
dB
Total harmonic distortion
See Figure 3, 1 kHz, VIS = 4 VP-P
4.5 V
0.023
%
Control to switch feedthrough noise
See Figure 4
4.5 V
130
mV
Switch OFF signal feedthrough
See Figure 5 and Figure 9 and Notes 8 and 9
4.5 V
−72
dB
CS
Switch input capacitance
5
pF
NOTES:
7. Adjust input voltage to obtain 0 dBm at output, f = 1 MHz.
8. VIS is centered at VCC/2.
9. Adjust input for 0 dBm at VIS.


유사한 부품 번호 - CD74HCT4066QM96Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT4066QM96Q1 TI1-CD74HCT4066QM96Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
More results

유사한 설명 - CD74HCT4066QM96Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com