전자부품 데이터시트 검색엔진 |
|
ADC0820-N 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
ADC0820-N 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 29 page ADC0820-N SNAS529C – JUNE 1999 – REVISED MARCH 2013 www.ti.com PIN DESCRIPTIONS Pin Name Function 1 VIN Analog input; range =GND ≤VIN≤VCC 2 DB0 TRI-STATE data output—bit 0 (LSB) 3 DB1 TRI-STATE data output—bit 1 4 DB2 TRI-STATE data output—bit 2 5 DB3 TRI-STATE data output—bit 3 WR: With CS low, the conversion is started on the falling edge of WR. Approximately 800 ns (the preset internal time out, tI) after the WR rising edge, the result of the conversion will be WR-RD Mode strobed into the output latch, provided that RD does not occur prior to this time out (See Figure 5 & Figure 6). 6 WR / RDY RDY: This is an open drain output (no internal pull-up device). RDY will go low after the falling RD Mode edge of CS; RDY will go TRI-STATE when the result of the conversion is strobed into the output latch. It is used to simplify the interface to a microprocessor system (See Figure 4). Mode: Mode selection input—it is internally tied to GND through a 50 µA current source. 7 Mode RD Mode: When mode is low WR-RD Mode: When mode is high With CS low, the TRI-STATE data outputs (DB0-DB7) will be activated when RD goes low (See Figure 7). RD can also be used to increase the speed of the converter by reading data WR-RD Mode prior to the preset internal time out (tI, ∼800 ns). If this is done, the data result transferred to output latch is latched after the falling edge of the RD (See Figure 5 & Figure 6). 8 RD With CS low, the conversion will start with RD going low, also RD will enable the TRI-STATE RD Mode data outputs at the completion of the conversion. RDY going TRI-STATE and INT going low indicates the completion of the conversion (See Figure 4). INT going low indicates that the conversion is completed and the data result is in the output latch. INT will go low, ∼800 ns (the preset internal time out, tI) after the rising edge of WR (See WR-RD Mode Figure 6); or INT will go low after the falling edge of RD , if RD goes low prior to the 800 ns 9 INT time out (See Figure 5). INT is reset by the rising edge of RD or CS (See Figure 5 & Figure 6). INT going low indicates that the conversion is completed and the data result is in the output RD Mode latch. INT is reset by the rising edge of RD or CS (See Figure 4). 10 GND Ground 11 VREF(−) The bottom of resistor ladder, voltage range: GND ≤VREF(−)≤VREF(+) (1) 12 VREF(+) The top of resistor ladder, voltage range: VREF(−)≤VREF(+)≤VCC (1) 13 CS CS must be low in order for the RD or WR to be recognized by the converter. 14 DB4 TRI-STATE data output—bit 4 15 DB5 TRI-STATE data output—bit 5 16 DB6 TRI-STATE data output—bit 6 17 DB7 TRI-STATE data output—bit 7 (MSB) Overflow output—If the analog input is higher than the VREF(+), OFL will be low at the end of conversion. It can 18 OFL be used to cascade 2 or more devices to have more resolution (9, 10-bit). This output is always active and does not go into TRI-STATE as DB0–DB7 do. 19 NC No connection 20 VCC Power supply voltage (1) When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V −or V IN > V +) the absolute value of current at that pin should be limited to 1 mA or less. The 4 mA package input current limits the number of pins that can exceed the power supply boundaries with a 1 mA current limit to four. 10 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: ADC0820-N |
유사한 부품 번호 - ADC0820-N |
|
유사한 설명 - ADC0820-N |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |