전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0820CCWM 데이터시트(PDF) 2 Page - Texas Instruments

부품명 ADC0820CCWM
상세설명   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0820CCWM 데이터시트(HTML) 2 Page - Texas Instruments

  ADC0820CCWM Datasheet HTML 1Page - Texas Instruments ADC0820CCWM Datasheet HTML 2Page - Texas Instruments ADC0820CCWM Datasheet HTML 3Page - Texas Instruments ADC0820CCWM Datasheet HTML 4Page - Texas Instruments ADC0820CCWM Datasheet HTML 5Page - Texas Instruments ADC0820CCWM Datasheet HTML 6Page - Texas Instruments ADC0820CCWM Datasheet HTML 7Page - Texas Instruments ADC0820CCWM Datasheet HTML 8Page - Texas Instruments ADC0820CCWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADC0820-N
SNAS529C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Figure 3. Functional Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
10V
Logic Control Inputs
−0.2V to VCC +0.2V
Voltage at Other Inputs and Output
−0.2V to VCC +0.2V
Storage Temperature Range
−65°C to +150°C
Package Dissipation at TA = 25°C
875 mW
Input Current at Any Pin(4)
1 mA
Package Input Current(4)
4 mA
ESD Susceptibility(5)
900V
PDIP Package
260°C
CDIP Package
300°C
Lead Temp. (Soldering, 10 sec.)
Vapor Phase (60 sec.)
215°C
SOIC Package
Infrared (15 sec.)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
or V
IN > V
+) the absolute value of current at that pin
should be limited to 1 mA or less. The 4 mA package input current limits the number of pins that can exceed the power supply
boundaries with a 1 mA current limit to four.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
ADC0820CCJ, ADC0820CIWM
−40°C≤TA≤+85°C
Temperature Range (TMIN≤TA≤TMAX)
ADC0820BCN, ADC0820CCN, ADC0820BCV,
0°C
≤TA≤70°C
ADC0820BCWM, ADC0820CCWM
VCC Range
4.5V to 8V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to the GND pin, unless otherwise specified.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0820-N


유사한 부품 번호 - ADC0820CCWM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0820CCWM NSC-ADC0820CCWM Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results

유사한 설명 - ADC0820CCWM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0820 NSC-ADC0820 Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
[Old version datasheet]   ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Analog Devices
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com