전자부품 데이터시트 검색엔진 |
|
BZW04-20 데이터시트(PDF) 4 Page - General Semiconductor |
|
BZW04-20 데이터시트(HTML) 4 Page - General Semiconductor |
4 / 4 page 0 1.0 2.0 3.0 4.0 0 100 150 50 1 10 100 0 10 20 30 40 50 0 50 100 150 200 0 25 50 75 100 25 75 125 175 1.0 10 100 200 10 1000 10,000 100,000 0 25 50 75 100 125 150 175 200 0 0.25 0.50 0.75 1.00 0 100 200 300 400 500 0.01 0.1 1 10 100 0.1µs 1.0µs10µs 100µs 1.0ms 10ms 0.1 1.0 10 100 RATINGS AND CHARACTERISTIC CURVES BZW04P5V8 THRU BZW04-376 FIG. 1 - PEAK PULSE POWER RATING CURVE td, PULSE WIDTH, sec. TA, AMBIENT TEMPERATURE, °C FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL FIG. 3 - PULSE WAVEFORM t, TIME, ms V(BR), BREAKDOWN VOLTAGE, VOLTS TL, LEAD TEMPERATURE,°C V(BR), BREAKDOWN VOLTAGE, VOLTS NUMBER OF CYCLES AT 60 HZ NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25°C TA=25°C PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP tr=10 µsec. TJ=25°C f=1.0 MHz Vsig=50mVp-p MEASURED at ZERO BIAS MEASURED at STAND-OFF VOLTAGE, VWM TA=25°C MEASURED at DEVICES STAND-OFF VOLTAGE, VWM 1.6 x 1.6 x 0.040" (40 x 40 x 1mm.) COPPER HEAT SINKS 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) TJ=TJ max. PEAK VALUE IPPM HALF VALUE - IPP 2 10/1000 µsec. WAVEFORM AS DEFINED BY R.E.A. FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL FIG. 5 - STEADY STATE POWER DERATING CURVE FIG. 2 - PULSE DERATING CURVE FIG. 7-TYPICAL REVERSE LEAKAGE CHARACTERISTICS 60 HZ RESISTIVE OR INDUCTIVE LOAD td = 0.375”(9.5mm) LEAD LENGTH L |
유사한 부품 번호 - BZW04-20 |
|
유사한 설명 - BZW04-20 |