전자부품 데이터시트 검색엔진 |
|
TLC2543IDWG4 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
TLC2543IDWG4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 34 page TLC2543C, TLC2543I, TLC2543M 12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 12-Bit-Resolution A/D Converter D 10-µs Conversion Time Over Operating Temperature D 11 Analog Input Channels D 3 Built-In Self-Test Modes D Inherent Sample-and-Hold Function D Linearity Error . . . ±1 LSB Max D On-Chip System Clock D End-of-Conversion Output D Unipolar or Bipolar Output Operation (Signed Binary With Respect to 1/2 the Applied Voltage Reference) D Programmable MSB or LSB First D Programmable Power Down D Programmable Output Data Length D CMOS Technology D Application Report Available† description The TLC2543C and TLC2543I are 12-bit, switched- capacitor, successive-approximation, analog-to- digital converters. Each device, with three control inputs [chip select (CS), the input-output clock, and the address input (DATA INPUT)], is designed for communication with the serial port of a host processor or peripheral through a serial 3-state output. The device allows high-speed data transfers from the host. In addition to the high-speed converter and versatile control capability, the device has an on-chip 14-channel multiplexer that can select any one of 11 inputs or any one of three internal self-test voltages. The sample-and-hold function is automatic. At the end of conversion, the end-of-conversion (EOC) output goes high to indicate that conversion is complete. The converter incorporated in the device features differential high-impedance reference inputs that facilitate ratiometric conversion, scaling, and isolation of analog circuitry from logic and supply noise. A switched-capacitor design allows low-error conversion over the full operating temperature range. The TLC2543C is characterized for operation from TA = 0°C to 70°C. The TLC2543I is characterized for operation from TA = –40°C to 85°C. The TLC2543M is characterized for operation from TA = –55°C to 125°C. Copyright 2001, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. † Microcontroller Based Data Acquisition Using the TLC2543 12-bit Serial-Out ADC (SLAA012) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 AIN0 AIN1 AIN2 AIN3 AIN4 AIN5 AIN6 AIN7 AIN8 GND VCC EOC I/O CLOCK DATA INPUT DATA OUT CS REF + REF – AIN10 AIN9 (TOP VIEW) DB, DW, J, OR N PACKAGE 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 I/O CLOCK DATA INPUT DATA OUT CS AIN3 AIN4 AIN5 AIN6 AIN7 FN PACKAGE (TOP VIEW) REF + On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - TLC2543IDWG4 |
|
유사한 설명 - TLC2543IDWG4 |