전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3SK134B 데이터시트(PDF) 3 Page - NEC

부품명 3SK134B
상세설명  RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

3SK134B 데이터시트(HTML) 3 Page - NEC

  3SK134B Datasheet HTML 1Page - NEC 3SK134B Datasheet HTML 2Page - NEC 3SK134B Datasheet HTML 3Page - NEC 3SK134B Datasheet HTML 4Page - NEC 3SK134B Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3SK134B
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – °C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID – Drain Current – mA
INPUT CAPACITANCE vs.
GATE2 TO SOURCE VOLTAGE
VG2S – Gate2 to Source Voltage – V
FORWARD TRANSFER ADMITTANCE vs.
GATE1 TO SOURCE VOLTAGE
VDS – Drain to Source Voltage – V
0
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
5
10
15
20
20
25
15
10
5
1.0
2.0
–1.0
0
2.0
4.0
5.0
0
25
50
100
125
75
DRAIN CURRENT vs
GATE1 TO SOURCE VOLTAGE
VG1S – Gate1 to Source Voltage – V
0
1.0
2.0
20
10
VG1S – Gate1 to Source Voltage – V
0
30
40
20
10
1.0
3.0
0
4.0
5.0
2.0
1.0
3.0
0
40
20
10
30
4
12
20
816
100
200
ID = 10 mA
(at VDS = 10 V
VG2S = 4 V)
f = 1 MHz
VG2S = 4 V
1.1 V
1.0 V
0.9 V
0.8 V
VG1S = 1.2 V
VDS = 10 V
f = 1 kHz
1 V
2 V
3 V
4 V
VG2S = 5 V
4 V
3 V
2 V
1 V
VDS = 10 V
VG2S = 5 V
VDS = 10 V
f = 1 kHz
VG2S = 4 V
300
400
Free air


유사한 부품 번호 - 3SK134B

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
3SK134B RENESAS-3SK134B Datasheet
175Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1993
More results

유사한 설명 - 3SK134B

제조업체부품명데이터시트상세설명
logo
NEC
3SK135A NEC-3SK135A Datasheet
52Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
   RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK253 NEC-3SK253 Datasheet
52Kb / 6P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK255 NEC-3SK255 Datasheet
54Kb / 8P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
3SK177 NEC-3SK177 Datasheet
59Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIELD-EFFECT TRANSISTOR 4 PIN MINI MOLD
3SK206 NEC-3SK206 Datasheet
56Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL GATE MES FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK222 NEC-3SK222 Datasheet
58Kb / 6P
   RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK223 NEC-3SK223 Datasheet
57Kb / 6P
   RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK252 NEC-3SK252 Datasheet
58Kb / 6P
   RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK176A NEC-3SK176A Datasheet
57Kb / 6P
   RF AMP. AND MIXER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com