전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA020-060-40-35 데이터시트(PDF) 2 Page - Transcom, Inc.

부품명 TA020-060-40-35
상세설명  2.0 . 6.0 GHz 35dBm Amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-060-40-35 데이터시트(HTML) 2 Page - Transcom, Inc.

  TA020-060-40-35 Datasheet HTML 1Page - Transcom, Inc. TA020-060-40-35 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TA020-060-40-35
REV.0_11/20/2008
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Dist., Tainan City., Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P2/2
(Not functional)


유사한 부품 번호 - TA020-060-40-35

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA020-060-40-30 TRANSCOM-TA020-060-40-30 Datasheet
61Kb / 2P
   2.0 ??6.0 GHz 30dBm Amplifiers
TA020-060-40-33 TRANSCOM-TA020-060-40-33 Datasheet
49Kb / 2P
   2.0 ??6.0 GHz 33dBm Amplifiers
More results

유사한 설명 - TA020-060-40-35

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA020-060-40-30 TRANSCOM-TA020-060-40-30 Datasheet
61Kb / 2P
   2.0 ??6.0 GHz 30dBm Amplifiers
TA020-060-40-33 TRANSCOM-TA020-060-40-33 Datasheet
49Kb / 2P
   2.0 ??6.0 GHz 33dBm Amplifiers
TA060-120-45-30 TRANSCOM-TA060-120-45-30 Datasheet
47Kb / 2P
   6.0 ??12.0 GHz 30dBm Amplifiers
logo
Skyworks Solutions Inc.
SKY13344-378LF SKYWORKS-SKY13344-378LF Datasheet
206Kb / 10P
   2.0-6.0 GHz GaAs SPDT Switch
logo
Tyco Electronics
MAAP-000078-PKG001 MACOM-MAAP-000078-PKG001 Datasheet
187Kb / 5P
   Amplifier, Power, 12W 2.0-6.0 GHz
logo
Mimix Broadband
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
   2.0-6.0 GHz GaAs MMIC Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
   2.0-6.0 GHz GaAs MMIC Amplifier
logo
Tyco Electronics
MAAPGM0078-DIE MACOM-MAAPGM0078-DIE Datasheet
894Kb / 7P
   Amplifier, Power, 12W 2.0-6.0 GHz
MAAP-000078-PED000 MACOM-MAAP-000078-PED000 Datasheet
405Kb / 8P
   Amplifier, Power, 12W 2.0-6.0 GHz
logo
IXYS Corporation
MWT-0206UL-VRM IXYS-MWT-0206UL-VRM Datasheet
206Kb / 2P
   2.0-6.0 GHz Voltage Regulator Module
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com