전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA060-120-35-33 데이터시트(PDF) 2 Page - Transcom, Inc.

부품명 TA060-120-35-33
상세설명  6 ~ 12GHz 35dB Gain 33dBm Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA060-120-35-33 데이터시트(HTML) 2 Page - Transcom, Inc.

  TA060-120-35-33 Datasheet HTML 1Page - Transcom, Inc. TA060-120-35-33 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TA060-120-35-33
REV0_2009/08/28
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Dist., Tainan City Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2/2
Unit: inch


유사한 부품 번호 - TA060-120-35-33

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA060-120-35-30 TRANSCOM-TA060-120-35-30 Datasheet
71Kb / 2P
   6 ~ 12GHz 35dB Gain 30dBm Power Amplifier
More results

유사한 설명 - TA060-120-35-33

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA060-120-35-30 TRANSCOM-TA060-120-35-30 Datasheet
71Kb / 2P
   6 ~ 12GHz 35dB Gain 30dBm Power Amplifier
TA060-120-35-27 TRANSCOM-TA060-120-35-27 Datasheet
77Kb / 2P
   6 ~ 12GHz 35dB Gain 27dBm Power Amplifier
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
TA020-060-35-13 TRANSCOM-TA020-060-35-13 Datasheet
63Kb / 2P
   2 ~ 6GHz 35dB Gain 13dBm Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
TGA2598 TRIQUINT-TGA2598_15 Datasheet
581Kb / 13P
   6 12GHz 2W GaN Driver Amplifier
logo
Transcom, Inc.
TA060-120-11-10 TRANSCOM-TA060-120-11-10 Datasheet
72Kb / 2P
   6 ~ 12GHz 10dBm Low Noise Amplifier
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
   10.5 - 12GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
   8-12GHz High Power Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com