전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL06 데이터시트(PDF) 2 Page - General Semiconductor

부품명 KBL06
상세설명  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

KBL06 데이터시트(HTML) 2 Page - General Semiconductor

  KBL06 Datasheet HTML 1Page - General Semiconductor KBL06 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
50
100
150
0
1.0
2.0
3.0
4.0
110
100
25
50
75
100
125
150
175
200
0
2040
6080
100
120
140
0.01
0.1
1
10
0.1
1
10
100
0
50
100
150
200
250
0.6
0.7
100
1.0
1
0.1
0.8
0.9
1.0
1.1
1.2
1.3
RATINGS AND CHARACTERISTICS CURVES KBL005 THRU KBL10
FIG. 1 - DERATING CURVE OUTPUT RECTIFIED
CURRENT
TEMPERATURE, °C
P.C.B. MOUNTED
0.375” (9.5mm) LEAD LENGTH
60 Hz RESISTIVE OR INDUCTIVE LOAD
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER LEG
REVERSE VOLTAGE, VOLTS
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
HEAT-SINK MOUNTED
3.0”sq. x 0.06” THK
(7.5cm
2 x 0.15cm)
COPPER PLATE
FIG. 4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
SINGLE SINE-WAVE
(JEDEC Method)
TJ=150°C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
TJ=100°C
NUMBER OF CYCLES AT 60 Hz
TJ=25°C
1.0 CYCLE


유사한 부품 번호 - KBL06

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
KBL06 SEMTECH-KBL06 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
KBL06 NJSEMI-KBL06 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
KBL06 MIC-KBL06 Datasheet
107Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Digitron Semiconductors
KBL06 DIGITRON-KBL06 Datasheet
164Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBL06 CHENYI-KBL06 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

유사한 설명 - KBL06

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com