전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08100 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC08100
상세설명  ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08100 데이터시트(HTML) 7 Page - Texas Instruments

Back Button ADC08100 Datasheet HTML 3Page - Texas Instruments ADC08100 Datasheet HTML 4Page - Texas Instruments ADC08100 Datasheet HTML 5Page - Texas Instruments ADC08100 Datasheet HTML 6Page - Texas Instruments ADC08100 Datasheet HTML 7Page - Texas Instruments ADC08100 Datasheet HTML 8Page - Texas Instruments ADC08100 Datasheet HTML 9Page - Texas Instruments ADC08100 Datasheet HTML 10Page - Texas Instruments ADC08100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADC08100
www.ti.com
SNAS060I – JUNE 2000 – REVISED MAY 2013
Converter Electrical Characteristics (continued)
The following specifications apply for VA = DR VD = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 100 MHz at 50%
duty cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)(3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
POWER SUPPLY CHARACTERISTICS
DC Input
41
50
mA (max)
IA
Analog Supply Current
fIN = 10 MHz, VIN = −3 dBFS
41
mA (max)
DC Input
1
2
mA (max)
DR ID
Output Driver Supply Current(5)
fIN = 10 MHz, VIN = −3 dBFS
8
mA (max)
DC Input
42
52
IA +
Total Operating Current
fIN = 10 MHz, VIN = −3 dBFS, PD = Low
49
mA (max)
DR ID
CLK Low, PD = Hi
0.2
DC Input
126
156
mW (max)
PC
Power Consumption
fIN = 10 MHz, VIN = −3 dBFS, PD = Low
147
mW
CLK Low, PD = Hi
0.6
mW
PSRR1
Power Supply Rejection Ratio
FSE change with 2.7V to 3.3V change in VA
54
dB
Rejection of 150 mV at 9.8 MHz riding upon
PSRR2
Power Supply Rejection Ratio
33
dB
supply
AC ELECTRICAL CHARACTERISTICS
fC1
Maximum Conversion Rate
125
100
MHz (min)
fC2
Minimum Conversion Rate
20
MHz
tCL
Minimum Clock Low Time
4.5
ns (min)
tCH
Minimum Clock High Time
4.5
ns (min)
tOH
Output Hold Time
CLK Rise to Data Invalid
4.4
ns
tOD
Output Delay
CLK Rise to Data Valid
5.9
8.5
ns (max)
Pipeline Delay (Latency)
2.5
Clock Cycles
tAD
Sampling (Aperture) Delay
CLK Fall to Acquisition of Data
1.5
ns
tAJ
Aperture Jitter
2
ps rms
(5)
IDR is the current consumed by the switching of the output drivers and is primarily determined by the load capacitance on the output
pins, the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent), IDR = VDR (CO x fO + C1 x f1
+ … + C71 x f7) where VDR is the output driver power supply voltage, Cn is the total capacitance on any given output pin, and fn is the
average frequency at which that pin is toggling.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08100


유사한 부품 번호 - ADC08100

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

유사한 설명 - ADC08100

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com