전자부품 데이터시트 검색엔진 |
|
ADC108S102 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
ADC108S102 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 28 page 2 f1 2 f6 2 f2 10 A A + + A x log THD = 20 ADC108S102 www.ti.com SNAS336B – SEPTEMBER 2005 – REVISED MARCH 2013 TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dBc, of the rms total of the first five harmonic components at the output to the rms level of the input signal frequency as seen at the output. THD is calculated as where • Af1 is the RMS power of the input frequency at the output and Af2 through Af6 are the RMS power in the first 5 harmonic frequencies. (1) THROUGHPUT TIME is the minimum time required between the start of two successive conversions. It is the acquisition time plus the conversion time. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: ADC108S102 |
유사한 부품 번호 - ADC108S102 |
|
유사한 설명 - ADC108S102 |